Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72324BK2 Datasheet(PDF) 182 Page - STMicroelectronics

Part # ST72324BK2
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BK2 Datasheet(HTML) 182 Page - STMicroelectronics

Back Button ST72324BK2 Datasheet HTML 178Page - STMicroelectronics ST72324BK2 Datasheet HTML 179Page - STMicroelectronics ST72324BK2 Datasheet HTML 180Page - STMicroelectronics ST72324BK2 Datasheet HTML 181Page - STMicroelectronics ST72324BK2 Datasheet HTML 182Page - STMicroelectronics ST72324BK2 Datasheet HTML 183Page - STMicroelectronics ST72324BK2 Datasheet HTML 184Page - STMicroelectronics ST72324BK2 Datasheet HTML 185Page - STMicroelectronics ST72324BK2 Datasheet HTML 186Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 188 page
background image
Known limitations
ST72324B
182/188
RIM ; reset the interrupt mask
LD A,sema ; check the semaphore status
CP A,#$01
jrne OUT
call call_routine ; call the interrupt routine
RIM
OUT:RIM
JP while_loop
.call_routine ; entry to call_routine
PUSH A
PUSH X
PUSH CC
.ext1_rt ; entry to interrupt routine
LD A,#$00
LD sema,A
IRET
15.1.3
Unexpected reset fetch
If an interrupt request occurs while a “POP CC” instruction is executed, the interrupt
controller does not recognize the source of the interrupt and, by default, passes the reset
vector address to the CPU.
Workaround
To solve this issue, a “POP CC” instruction must always be preceded by a “SIM” instruction.
15.1.4
Clearing active interrupts outside interrupt routine
When an active interrupt request occurs at the same time as the related flag is being
cleared, an unwanted reset may occur.
Note:
Clearing the related interrupt mask will not generate an unwanted reset.
Concurrent interrupt context
The symptom does not occur when the interrupts are handled normally, that is, when:
●
The interrupt flag is cleared within its own interrupt routine
●
The interrupt flag is cleared within any interrupt routine
●
The interrupt flag is cleared in any part of the code while this interrupt is disabled
If these conditions are not met, the symptom can be avoided by implementing the following
sequence:
Perform SIM and RIM operation before and after resetting an active interrupt request.
Example:
–SIM
–
Reset interrupt flag
–RIM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com