Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

405GPR Datasheet(PDF) 16 Page - Applied Micro Circuits Corporation

Part # 405GPR
Description  Power PC 405GPr Embedded Processor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

405GPR Datasheet(HTML) 16 Page - Applied Micro Circuits Corporation

Back Button 405GPR Datasheet HTML 12Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 13Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 14Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 15Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 16Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 17Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 18Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 19Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 20Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 57 page
background image
405GPr – Power PC 405GPr Embedded Processor
16
AMCC
Revision 2.04 – September 7, 2007
Data Sheet
Pin Lists
The PPC405GPr embedded controller is available as a 456-ball E-PBGA leaded or lead-free package. The 456-
ball package is available in two sizes—35 millimeters and 27 millimeters. In this section there are two tables that
correlate the external signals to the physical package pin (ball) on which they appear.
The following table lists all the external signals in alphabetical order and shows the ball number on which the signal
appears. Multiplexed signals are shown with the default signal (following reset) not in brackets and the alternate
signal in brackets. Multiplexed signals appear alphabetically multiple times in the list—once for each signal name
on the ball. The page number listed gives the page in “Signal Functional Description” on page 30 where the signals
in the indicated interface group begin.
Signals Listed Alphabetically (Sheet 1 of 9)
Signal Name
Ball
Interface Group
Page
AGND
E22
System
35
AVDD
D25
System
35
BA0
BA1
AB24
AC24
SDRAM
32
BankSel0
BankSel1
BankSel2
BankSel3
AD17
AF17
AE15
AC14
SDRAM
32
BE0[PCIC0]
BE1[PCIC1]
BE2[PCIC2]
BE3[PCIC3]
D19
F24
K24
R26
PCI
30
BusReq
R3
External Master Peripheral
34
CAS
AB23
SDRAM
32
ClkEn0
ClkEn1
AB25
AC25
SDRAM
32
DMAAck0
DMAAck1
DMAAck2
DMAAck3
D16
B15
B14
C12
External Slave Peripheral
32
DMAReq0
DMAReq1
DMAReq2
DMAReq3
C16
D14
C11
A7
External Slave Peripheral
32
DQM0
DQM1
DQM2
DQM3
AC12
AC10
AC6
AA3
SDRAM
32
DQMCB
AC15
SDRAM
32
ECC0
ECC1
ECC2
ECC3
ECC4
ECC5
ECC6
ECC7
AE14
AF15
AF14
AD13
AF13
AF12
AE13
AD12
SDRAM
32
EMCMDClk
H24
Ethernet
31
EMCMDIO[PHYMDIO]
AD26
Ethernet
31
EMCTxD0
EMCTxD1
EMCTxD2
EMCTxD3
J26
L25
L24
P25
Ethernet
31
EMCTxEn
K23
Ethernet
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com