Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

405GPR Datasheet(PDF) 33 Page - Applied Micro Circuits Corporation

Part # 405GPR
Description  Power PC 405GPr Embedded Processor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

405GPR Datasheet(HTML) 33 Page - Applied Micro Circuits Corporation

Back Button 405GPR Datasheet HTML 29Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 30Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 31Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 32Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 33Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 34Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 35Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 36Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 37Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 57 page
background image
405GPr – Power PC 405GPr Embedded Processor
AMCC
33
Revision 2.04 – September 7, 2007
Data Sheet
PerCS0
Peripheral chip select bank 0.
O
5V tolerant
3.3V LVTTL
7
PerCS1:7[GPIO10:16]
Seven additional peripheral chip selects
or
General Purpose I/O. To access this function, software must toggle a
DCR bit.
O[I/O]
5V tolerant
3.3V LVTTL
1, 7
PerOE
Used by either the peripheral controller or the DMA controller
depending upon the type of transfer involved. When the PPC405GPr
is the bus master, it enables the selected device to drive the bus.
O
5V tolerant
3.3V LVTTL
7
PerR/W
Used by the PPC405GPr when not in external master mode, as
output by either the peripheral controller or DMA controller depending
upon the type of transfer involved. High indicates a read from
memory, low indicates a write to memory.
Otherwise it used by the external master as an input to indicate the
direction of data transfer.
I/O
5V tolerant
3.3V LVTTL
1
PerReady
Used by a peripheral slave to indicate it is ready to transfer data.
I
5V tolerant
3.3V LVTTL
1
PerBLast
Used by the PPC405GPr when not in external master mode,
otherwise used by external master. Indicates the last transfer of a
memory access.
I/O
5V tolerant
3.3V LVTTL
1, 7
DMAReq0:3
DMAReq0:3 are used by slave peripherals to indicate they are
prepared to transfer data.
I
5V tolerant
3.3V LVTTL
1
DMAAck0:3
DMAAck0:3 are used by the PPC405GPr to cause the DMA
peripheral to transfer data.
O
5V tolerant
3.3V LVTTL
6
EOT0:3/TC0:3
End Of Transfer/Terminal Count.
I/O
5V tolerant
3.3V LVTTL
1
Signal Functional Description (Sheet 4 of 8)
Multiplexed signals are shown in brackets following the first signal name assigned to each multiplexed ball.
Notes:
1. Receiver input has hysteresis.
2. Must pull up. See “Pull-Up and Pull-Down Resistors” on page 29 for recommended termination values.
3. Must pull down. See “Pull-Up and Pull-Down Resistors” on page 29 for recommended termination values.
4. If not used, must pull up.
5. If not used, must pull down.
6. Strapping input during reset; pull up or pull down as required.
7. Pull-up may be required. See “External Bus Control Signals” on page 29.
Signal Name
Description
I/O
Type
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com