Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

405GPR Datasheet(PDF) 36 Page - Applied Micro Circuits Corporation

Part # 405GPR
Description  Power PC 405GPr Embedded Processor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

405GPR Datasheet(HTML) 36 Page - Applied Micro Circuits Corporation

Back Button 405GPR Datasheet HTML 32Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 33Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 34Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 35Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 36Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 37Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 38Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 39Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 40Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 57 page
background image
405GPr – Power PC 405GPr Embedded Processor
36
AMCC
Revision 2.04 – September 7, 2007
Data Sheet
GPIO1[TS1E]
GPIO2[TS2E]
General Purpose I/O
or
Even Trace execution status. To access this function, software must
toggle a DCR bit.
I/O[O]
5V tolerant
3.3V LVTTL
1, 6
GPIO3[TS1O]
General Purpose I/O
or
Odd Trace execution status. To access this function, software must
toggle a DCR bit.
I/O[O]
5V tolerant
3.3V LVTTL
1, 6
GPIO4[TS2O]
General Purpose I/O
or
Odd Trace execution status. To access this function, software must
toggle a DCR bit.
I/O[O]
5V tolerant
3.3V LVTTL
1, 6
GPIO5:8[TS3:6]
General Purpose I/O
or
Trace status. To access this function, software must toggle a DCR
bit.
I/O[O]
5V tolerant
3.3V LVTTL
1, 6
GPIO9[TrcClk]
General Purpose I/O
or
Trace interface clock. A toggling signal that is always half of the CPU
core frequency. To access this function, software must toggle a DCR
bit.
Note: Initialization strapping must hold this pin low (0) during reset.
I/O[O]
5V tolerant
3.3V LVTTL
1, 6
GPIO24
General Purpose I/O.
Note: The pull-up initialization strapping resistor must be 1k
Ω rather
than 3k
Ω in order to overcome the internal pull-down resistor.
I/O
3.3V LVTTL
w/pull-down
1, 6
TestEn
Test Enable. Used only for manufacturing tests. Pull down for normal
operation.
I
1.8V CMOS
w/pull-down
TmrClk
An external clock input that can be used to clock the timers in the
CPU core.
I
5V tolerant
3.3V LVTTL
1
Trace Interface
[TS1E]GPIO1
[TS2E]GPIO2
Even Trace execution status. To access this function, software must
toggle a DCR bit
or
General Purpose I/O.
O[I/O]
5V tolerant
3.3V LVTTL
1, 6
[TS1O]GPIO3
Odd Trace execution status. To access this function, software must
toggle a DCR bit
or
General Purpose I/O.
O[I/O]
5V tolerant
3.3V LVTTL
1, 6
[TS2O]GPIO4
Odd Trace execution status. To access this function, software must
toggle a DCR bit
or
General Purpose I/O.
O[I/O]
5V tolerant
3.3V LVTTL
1, 6
[TS3:6]GPIO5:8
Trace status. To access this function, software must toggle a DCR bit
or
General Purpose I/O.
O[I/O]
5V tolerant
3.3V LVTTL
1, 6
Signal Functional Description (Sheet 7 of 8)
Multiplexed signals are shown in brackets following the first signal name assigned to each multiplexed ball.
Notes:
1. Receiver input has hysteresis.
2. Must pull up. See “Pull-Up and Pull-Down Resistors” on page 29 for recommended termination values.
3. Must pull down. See “Pull-Up and Pull-Down Resistors” on page 29 for recommended termination values.
4. If not used, must pull up.
5. If not used, must pull down.
6. Strapping input during reset; pull up or pull down as required.
7. Pull-up may be required. See “External Bus Control Signals” on page 29.
Signal Name
Description
I/O
Type
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com