Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

405GPR Datasheet(PDF) 38 Page - Applied Micro Circuits Corporation

Part # 405GPR
Description  Power PC 405GPr Embedded Processor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

405GPR Datasheet(HTML) 38 Page - Applied Micro Circuits Corporation

Back Button 405GPR Datasheet HTML 34Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 35Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 36Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 37Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 38Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 39Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 40Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 41Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 42Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 57 page
background image
405GPr – Power PC 405GPr Embedded Processor
38
AMCC
Revision 2.04 – September 7, 2007
Data Sheet
Absolute Maximum Ratings
The absolute maximum ratings below are stress ratings only. Operation at or beyond these maximum ratings can cause
permanent damage to the device
Characteristic
Symbol
Value
Unit
Supply Voltage (Internal Logic)
VDD
0 to +1.95
V
Supply Voltage (I/O Interface)
OVDD
0 to +3.6
V
PLL Supply Voltage
AVDD
0 to +1.95
V
Input Voltage (1.8V CMOS receivers)
VIN
-0.6 to VDD + 0.45
V
Input Voltage (3.3V LVTTL receivers)
VIN
-0.6 to OVDD + 0.6
V
Input Voltage (5.0V LVTTL receivers)
VIN
-0.6 to OVDD + 2.4
V
Storage Temperature Range
TSTG
-55 to +150
°C
Case temperature under bias
TC
-40 to +120
°C
Notes:
1. All specified voltages are with respect to GND.
2. Empirical data indicates that all chip voltages should begin to ramp-up within 1 ms of each other. There should never be voltage present
at the I/O pins before OVDD is within operating range.
Package Thermal Specifications
The PPC405GPr is designed to operate within a case temperature range of -40°C to +85°C3. Thermal resistance values for the
E-PBGA packages (leaded and lead-free) in a convection environment are as follows:
Package—Thermal Resistance
Symbol
Airflow
ft/min (m/sec)
Unit
0 (0)
100 (0.51)
200 (1.02)
35mm, 456-balls—Junction-to-Case
θ
JC
222
°C/W
35mm, 456-balls—Case-to-Ambient1
θ
CA
14
13
12
°C/W
27mm, 456-balls—Junction-to-Case
θ
JC
222
°C/W
27mm, 456-balls—Case-to-Ambient1
θ
CA
18
16
15
°C/W
Notes:
1. For a chip mounted on a JEDEC 2S2P card without a heat sink.
2. For a chip mounted on a card with at least one signal and two power planes, the following relationships exist:
a. Case temperature, TC, is measured at top center of case surface with device soldered to circuit board.
b. TA = TC – P×θCA, where TA is ambient temperature and P is power consumption.
c. TCMax = TJMax – P×θJC, where TJMax is maximum junction temperature and P is power consumption.
3. 333MHz operated at 266MHz or less can operate at +105°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com