Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

405GPR Datasheet(PDF) 29 Page - Applied Micro Circuits Corporation

Part # 405GPR
Description  Power PC 405GPr Embedded Processor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

405GPR Datasheet(HTML) 29 Page - Applied Micro Circuits Corporation

Back Button 405GPR Datasheet HTML 25Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 26Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 27Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 28Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 29Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 30Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 31Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 32Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 33Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 57 page
background image
405GPr – Power PC 405GPr Embedded Processor
AMCC
29
Revision 2.04 – September 7, 2007
Data Sheet
Pull-Up and Pull-Down Resistors
Pull-up and pull-down resistors are used for strapping during reset and to retain unused or undriven inputs in an
appropriate state. The recommended pull-up value of 3k
Ω to +3.3V (10kΩ to +5V can be used on 5V tolerant I/Os)
and pull-down value of 1k
Ω to GND, applies only to individually terminated signals. To prevent possible damage to
the device, I/Os capable of becoming outputs must never be tied together and terminated through a common
resistor.
If your system-level test methodology permits, input-only signals can be connected together and terminated
through either a common resistor or directly to +3.3V or GND. When a resistor is used, its value must ensure that
the grouped I/Os reach a valid logic zero or logic one state when accounting for the total input current into the
PPC405GPr.
Unused I/Os
For some interfaces, it is possible to turn off input receivers for some or all of the signals by means of bit settings in
register CPC0_CR1. When this gating capability is applied to unused signals, it is not necessary to terminate them.
Refer to the PowerPC 405GPr Embedded Processor User’s Manual for details.
If receiver gating is not used, termination of some pins may be necessary when they are unused. Although the
PPC405GPr requires only the pull-up and pull-down terminations as specified in the “Signal Functional
Description” on page 30, good design practice is to terminate all unused inputs or to configure I/Os such that they
always drive. If unused, and receiver gating is not used, the peripheral, SDRAM, and PCI buses should be
configured and terminated as follows:
• Peripheral interface—PerAddr0:31, PerData0:31, and all of the control signals are driven by default. Terminate
PerReady high and PerError low.
• SDRAM—Program SDRAM0_CFG[EMDULR]=1 and SDRAM0_CFG[DCE]=1. This causes the PPC405GPr to
actively drive all of the SDRAM address, data, and control signals.
• PCI—The PCI pull-up requirements given in the Signal Functional Description apply only when the PCI
interface is being used. When the PCI bridge is unused, configure the PCI controller to park on the bus and
actively drive PCIAD31:0, PCIC3:0[BE3:0], and the remaining PCI control signals by doing the following:
- Strap the PPC405GPr to disable the internal PCI arbiter and to operate the PCI interface in synchronous
mode.
- Individually connect PCISErr, PCIPErr, PCITRDY, and PCIStop through 3k
Ω resistors to +3.3V.
- Terminate PCIReq1:5 to +3.3V.
- Terminate PCIReq0[Gnt] to GND.
External Bus Control Signals
All peripheral bus control signals (PerCS0:7, PerR/W, PerWBE0:3, PerOE, PerWE, PerBLast, HoldAck, ExtAck)
are set to the high-impedance state when ExtReset=0. In addition, as detailed in the PowerPC 405GPr Embedded
Processor User’s Manual, the peripheral bus controller can be programmed via EBC0_CFG to float some of these
control signals between transactions and/or when an external master owns the peripheral bus. As a result, a pull-
up resistor should be added to those control signals where an undriven state may affect any devices receiving that
particular signal.
The following table lists all of the I/O signals provided by the PPC405GPr. Please refer to “Signals Listed
Alphabetically” on page 16 for the pin number to which each signal is assigned.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com