Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

405GPR Datasheet(PDF) 37 Page - Applied Micro Circuits Corporation

Part # 405GPR
Description  Power PC 405GPr Embedded Processor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

405GPR Datasheet(HTML) 37 Page - Applied Micro Circuits Corporation

Back Button 405GPR Datasheet HTML 33Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 34Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 35Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 36Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 37Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 38Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 39Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 40Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 41Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 57 page
background image
405GPr – Power PC 405GPr Embedded Processor
AMCC
37
Revision 2.04 – September 7, 2007
Data Sheet
[TrcClk]GPIO9
Trace interface clock. A toggling signal that is always half of the CPU
core frequency. To access this function, software must toggle a DCR
bit
or
General Purpose I/O.
Note: Initialization strapping must hold this pin low (0) during reset.
O[I/O]
5V tolerant
3.3V LVTTL
1, 6
Ground pins
GND
Ground
Note: L11-L16, M11-M16, N11-N16, P11-P16, R11-R16, and
T11-T16 are also thermal balls.
OVDD pins
OVDD
Output driver voltage—3.3V.
VDD pins
VDD
Logic voltage—1.8V.
Other pins
Reserved
Reserved—Except for AF4, do not connect signals, voltage, or
ground to these pins. AF4 must be tied to OVDD or GND.
Signal Functional Description (Sheet 8 of 8)
Multiplexed signals are shown in brackets following the first signal name assigned to each multiplexed ball.
Notes:
1. Receiver input has hysteresis.
2. Must pull up. See “Pull-Up and Pull-Down Resistors” on page 29 for recommended termination values.
3. Must pull down. See “Pull-Up and Pull-Down Resistors” on page 29 for recommended termination values.
4. If not used, must pull up.
5. If not used, must pull down.
6. Strapping input during reset; pull up or pull down as required.
7. Pull-up may be required. See “External Bus Control Signals” on page 29.
Signal Name
Description
I/O
Type
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com