Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

405GPR Datasheet(PDF) 42 Page - Applied Micro Circuits Corporation

Part # 405GPR
Description  Power PC 405GPr Embedded Processor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

405GPR Datasheet(HTML) 42 Page - Applied Micro Circuits Corporation

Back Button 405GPR Datasheet HTML 38Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 39Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 40Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 41Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 42Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 43Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 44Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 45Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 46Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 57 page
background image
405GPr – Power PC 405GPr Embedded Processor
42
AMCC
Revision 2.04 – September 7, 2007
Data Sheet
Test Conditions
Clock timing and switching characteristics are specified in accordance with
operating conditions shown in the table “Recommended DC Operating
Conditions.” For all signals other than PCI signals, AC specifications are
characterized at OVDD = +3V and TC = +85°C with the 50pF test load
shown in the figure at right.
For PCI signals there are two different test load circuits, one for the rising
edge and one the falling edge as shown in the figures at right.
Output
Pin
50pF
All signals other
than PCI
Output
Pin
10pF
25
Ω
Output
Pin
10pF
25
Ω
OVDD
PCI Rising edge
PCI Falling edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com