Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

405GPR Datasheet(PDF) 40 Page - Applied Micro Circuits Corporation

Part # 405GPR
Description  Power PC 405GPr Embedded Processor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

405GPR Datasheet(HTML) 40 Page - Applied Micro Circuits Corporation

Back Button 405GPR Datasheet HTML 36Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 37Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 38Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 39Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 40Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 41Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 42Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 43Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 44Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 57 page
background image
405GPr – Power PC 405GPr Embedded Processor
40
AMCC
Revision 2.04 – September 7, 2007
Data Sheet
5V-Tolerant Input Current
Input Capacitance
Parameter
Symbol
Maximum
Unit
Notes
3.3V LVTTL I/O
CIN1
8.8
pF
5V tolerant LVTTL I/O
CIN2
8pF
PCI I/O
CIN3
9.3
pF
Rx only pins
CIN4
4.5
pF
-350
-300
-250
-200
-150
-100
-50
0
50
1.0
2.0
3.0
4.0
5.0
0.0
Input Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com