Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

405GPR Datasheet(PDF) 47 Page - Applied Micro Circuits Corporation

Part # 405GPR
Description  Power PC 405GPr Embedded Processor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

405GPR Datasheet(HTML) 47 Page - Applied Micro Circuits Corporation

Back Button 405GPR Datasheet HTML 43Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 44Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 45Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 46Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 47Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 48Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 49Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 50Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 51Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 57 page
background image
405GPr – Power PC 405GPr Embedded Processor
AMCC
47
Revision 2.04 – September 7, 2007
Data Sheet
Notes: 1. In all of the following I/O Specifications tables a timing values of “na” means “not applicable” and “dc”
means “don’t care.”
2. See “Test Conditions” on page 42 for output capacitive loading.
I/O Specifications—Group 1 (Sheet 1 of 3)
Notes:
1. PCI timings are for operation up to 66.66MHz. PCI output hold time requirement is 1ns for 66.66MHz and 2ns for 33.33MHz.
In synchronous mode, timing is relative to SysClk. In asynchronous mode, timing is relative to PCIClk.
2. Ethernet interface meets timing requirements as defined by IEEE 802.3 standard.
3. For PCI, I/O H is specified at 0.9OVDD and I/O L is specified at 0.1OVDD. For all other interfaces, I/O H is specified at 2.4 V
and I/O L is specified at 0.4 V.
Signal
Input (ns)
Output (ns)
Output Current (mA)
Clock
Notes
Setup Time
(TIS min)
Hold Time
(TIH min)
Valid Delay
(TOV max)
Hold Time
(TOH min)
I/O H
(min)
I/O L
(min)
PCI Interface
PCIAD31:0
3
0
6
1
0.5
1.5
PCI Clock
1
PCIC3:0[BE3:0]
3
0
6
1
0.5
1.5
PCI Clock
1
PCIClk
dc
dc
na
na
na
na
async
PCIDevSel
3
0
6
1
0.5
1.5
PCI Clock
1
PCIFrame
3
0
6
1
0.5
1.5
PCI Clock
1
PCIGnt0[Req]
PCIGnt1:5
na
na
na
na
0.5
1.5
PCI Clock
1
PCIIDSel
3
0
6
1
na
na
PCI Clock
1
PCIINT[PerWE]
na
na
dc
dc
0.5
1.5
PCI Clock
async
PCIIRDY
3
0
6
1
0.5
1.5
PCI Clock
1
PCIParity
3
0
6
1
0.5
1.5
PCI Clock
1
PCIPErr
3
0
6
1
0.5
1.5
PCI Clock
1
PCIReq0[Gnt]
PCIReq1:5
5
0
na
na
na
na
PCI Clock
1
PCIReset
na
na
na
na
0.5
1.5
PCI Clock
PCISErr
na
na
na
na
0.5
1.5
PCI Clock
PCIStop
3
0
6
1
0.5
1.5
PCI Clock
1
PCITRDY
3
0
6
1
0.5
1.5
PCI Clock
1
Ethernet Interface
EMCMDClk
na
na
settable
2
10.3
7.1
2, async
EMCMDIO[PHYMDIO]
100
0
1 OPB clock
period + 10ns
1 OPB clock
period
10.3
7.1
EMCMDClk
2
EMCTxD3:0
na
na
20
2
10.3
7.1
PHYTX
2
EMCTxEn
na
na
20
2
10.3
7.1
PHYTX
2
EMCTxErr
na
na
20
2
10.3
7.1
PHYTX
2
PHYCol
10.3
7.1
2, async
PHYCrS
10.3
7.1
2, async
PHYRxClk
na
na
2, async
PHYRxD3:0
4
1
na
na
10.3
7.1
PHYRX
2
PHYRxDV
4
1
na
na
10.3
7.1
PHYRX
2
PHYRxErr
4
1
na
na
10.3
7.1
PHYRX
2
PHYTxClk
na
na
2, async



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com