Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9984APCBZ Datasheet(PDF) 33 Page - Analog Devices

Part # AD9984APCBZ
Description  High Performance 10-Bit Display Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9984APCBZ Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9984APCBZ Datasheet HTML 29Page - Analog Devices AD9984APCBZ Datasheet HTML 30Page - Analog Devices AD9984APCBZ Datasheet HTML 31Page - Analog Devices AD9984APCBZ Datasheet HTML 32Page - Analog Devices AD9984APCBZ Datasheet HTML 33Page - Analog Devices AD9984APCBZ Datasheet HTML 34Page - Analog Devices AD9984APCBZ Datasheet HTML 35Page - Analog Devices AD9984APCBZ Datasheet HTML 36Page - Analog Devices AD9984APCBZ Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
AD9984A
Rev. 0 | Page 33 of 44
0x14—Bit[1] Vsync Duration Block Enable
This enables the Vsync duration block, which is designed to be
used with the Vsync filter. Setting the bit to 0 leaves the Vsync
output duration unchanged. Setting the bit to 1 sets the Vsync
output duration based on Register 0x15. Power-up duration is 0.
Table 29. Vsync Duration Block Enable Bit
Value
Result
0
Vsync output duration is unchanged.
1
Vsync output duration is set by Register 0x15.
0x15—Bits[7:0] Vsync Duration
This register is used to set the output duration of the Vsync, and
is designed to be used with the Vsync filter. This is valid only if
Register 0x14, Bit 1 is set to 1. Power-up default is 10d.
COAST AND CLAMP CONTROLS
0x16—Bits[7:0] Precoast
This register allows the internally generated coast signal to be
applied prior to the Vsync signal. This is necessary in cases
where pre-equalization pulses are present. The step size for this
control is one Hsync period. For precoast to work correctly, it is
necessary for both the Vsync filter (Register 0x14, Bit 2) and
sync processing filter (Register 0x20, Bit 1) to either be enabled
or disabled. The power-up default is 00.
0x17—Bits[7:0] Postcoast
This register allows the internally generated coast signal to be
applied following the Vsync signal. This is necessary in cases
where post equalization pulses are present. The step size for this
control is one Hsync period. For postcoast to work correctly, it
is necessary for both the Vsync filter (Register 0x14, Bit 2) and
sync processing filter (Register 0x20, Bit 1) to be enabled or
disabled. The power-up default is 00.
0x18—Bit[7] Coast Source
This bit is used to select the active coast source. The choices are
the COAST input pin or Vsync. If Vsync is selected, the addi-
tional decision of using the VSYNCx input pin or the output from
the sync separator needs to be made (Register 0x14, Bits[7:6]).
Table 30. Coast Source Bit
Value
Result
0
Vsync (internal coast).
1
COAST pin.
0x18—Bit[6] Coast Polarity Override
This register is used to override the internal circuitry that
determines the polarity of the coast signal going into the PLL.
The power-up default setting is 0.
Table 31. Coast Polarity Override Bit
Value
Result
0
Coast polarity determined by chip.
1
Coast polarity determined by user (Register 0x18, Bit 5).
0x18—Bit[5] Input Coast Polarity
This register sets the input coast polarity when Bit 6 of Register
0x18 is 1. The power-up default setting is 1.
Table 32. Input Coast Polarity Bit
Value
Result
0
Coast polarity is negative.
1
Coast polarity is positive.
0x18—Bit[4] Clamp Source Select
This bit determines the source of clamp timing. A 0 enables the
clamp timing circuitry controlled by clamp placement and
clamp duration. The clamp position and duration is counted
from the leading edge of Hsync. A 1 enables the external
CLAMP input pin. The three channels are clamped when the
clamp signal is active. The polarity of clamp is determined by
the CLAMP polarity bit. The power-up default setting is 0.
Table 33. Clamp Source Select Bit
Value
Result
0
Internally generated clamp.
1
Externally provided clamp signal (CLAMP).
0x18—Bit[3] Red Clamp Select
This bit determines whether the red channel is clamped to
ground or to midscale. The power-up default setting is 0.
Table 34. Red Clamp Select Bit
Value
Result
0
Clamp to ground.
1
Clamp to midscale.
0x18—Bit[2] Green Clamp Select
This bit determines whether the green channel is clamped to
ground or to midscale. The power-up default setting is 0.
Table 35. Green Clamp Select Bit
Value
Result
0
Clamp to ground.
1
Clamp to midscale.
0x18—Bit[1] Blue Clamp Select
This bit determines whether the blue channel is clamped to
ground or to midscale. The power-up default setting is 0.
Table 36. Blue Clamp Select Bit
Value
Result
0
Clamp to ground.
1
Clamp to midscale.
0x18—Bit[0]
Must be set to 0 for proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com