Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9984APCBZ Datasheet(PDF) 28 Page - Analog Devices

Part # AD9984APCBZ
Description  High Performance 10-Bit Display Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9984APCBZ Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9984APCBZ Datasheet HTML 24Page - Analog Devices AD9984APCBZ Datasheet HTML 25Page - Analog Devices AD9984APCBZ Datasheet HTML 26Page - Analog Devices AD9984APCBZ Datasheet HTML 27Page - Analog Devices AD9984APCBZ Datasheet HTML 28Page - Analog Devices AD9984APCBZ Datasheet HTML 29Page - Analog Devices AD9984APCBZ Datasheet HTML 30Page - Analog Devices AD9984APCBZ Datasheet HTML 31Page - Analog Devices AD9984APCBZ Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
AD9984A
Rev. 0 | Page 28 of 44
Hex
Address
Read/Write,
Read Only
Bits
Default
Value
Register Name
Description
6
*_** ****
HSYNC1 Detection.
0 = HSYNC1 is not active.
1 = HSYNC1 is active.
5
**_* ****
VSYNC0 Detection.
0 = VSYNC0 is not active.
1 = VSYNC0 is active.
4
***_ ****
VSYNC1 Detection.
0 = VSYNC1 is not active.
1 = VSYNC1 is active.
3
**** _***
SOGIN0 Detection.
0 = SOGIN0 is not active.
1 = SOGIN0 is active.
2
**** *_**
SOGIN1 Detection.
0 = SOGIN1 is not active.
1 = SOGIN1 is active.
1
**** **_*
COAST Detection.
0 = External COAST is not active.
1 = External COAST is active.
0
**** ***_
CLAMP Detection.
0 = External CLAMP is not active.
1 = External CLAMP is active.
0x25
RO
7
_*** ****
Sync Polarity Detect
HSYNC0 Polarity.
0 = HSYNC0 polarity is negative.
1 = HSYNC0 polarity is positive.
6
*_** ****
HSYNC1 Polarity.
0 = HSYNC1 polarity is negative.
1 = HSYNC1 polarity is active high.
5
**_* ****
VSYNC0 Polarity.
0 = VSYNC0 polarity is negative.
1 = VSYNC0 polarity is positive.
4
***_ ****
VSYNC1 Polarity.
0 = VSYNC1 polarity is negative.
1 = VSYNC1 polarity is positive.
3
**** _***
COAST Polarity.
0 = External COAST is negative.
1 = External COAST is positive.
2
**** *_**
CLAMP Polarity.
0 = External CLAMP is negative.
1 = External CLAMP polarity is positive.
1
**** **_*
Extraneous Pulse Detection.
0 = No extraneous pulses detected on Hsync.
1 = Extraneous pulses detected on Hsync.
0
**** ***_
Sync Filter Lock.
0 = Sync filter unlocked
1 = Sync filter locked.
0x26
RO
7:0
Hsyncs per
Vsync MSBs
MSBs of Hsyncs per Vsync count.
0x27
RO
7:4
Hsyncs per
Vsync LSBs
LSBs of Hsyncs per Vsync count.
0x28
R/W
7:0
1011 1111
Test Register 1
Must be written to 0xBF for proper operation.
0x29
R/W
7:0
0000 0010
Test Register 2
Must be written to 0x02 for proper operation.
0x2A
RO
7:0
Test Register 3
Read only bits for future use.
0x2B
RO
7:0
Test Register 4
Read only bits for future use.
0x2C
R/W
7:5
000* ****
Offset Hold
Must be written to default for proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com