Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9984APCBZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD9984APCBZ
Description  High Performance 10-Bit Display Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9984APCBZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9984APCBZ Datasheet HTML 4Page - Analog Devices AD9984APCBZ Datasheet HTML 5Page - Analog Devices AD9984APCBZ Datasheet HTML 6Page - Analog Devices AD9984APCBZ Datasheet HTML 7Page - Analog Devices AD9984APCBZ Datasheet HTML 8Page - Analog Devices AD9984APCBZ Datasheet HTML 9Page - Analog Devices AD9984APCBZ Datasheet HTML 10Page - Analog Devices AD9984APCBZ Datasheet HTML 11Page - Analog Devices AD9984APCBZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
AD9984A
Rev. 0 | Page 8 of 44
Pin Number
Pin Type
80-Lead LQFP
64-Lead LFCSP
Mnemonic
Function
Value
Outputs
28 to 37
54 to 63
RED[9:0]
Outputs of Converter R; Bit 9 is the MSB
3.3 V CMOS
42 to 51
1 to 10
GREEN[9:0]
Outputs of Converter G; Bit 9 is the MSB
3.3 V CMOS
54 to 63
11 to 20
BLUE[9:0]
Outputs of Converter B; Bit 9 is the MSB
3.3 V CMOS
25
52
DATACK
Data Output Clock
3.3 V CMOS
23
50
HSOUT
Hsync Output Clock (Phase-aligned with DATACK)
3.3 V CMOS
22
49
VSOUT2
Vsync Output Clock
3.3 V CMOS
24
51
SOGOUT
Sync-on-Green Slicer Output
3.3 V CMOS
21
48
O/E FIELD
Odd/Even Field Output
3.3 V CMOS
References
78
31
FILT
Connection for External Filter Components for Internal PLL
18
46
REFLO
Connection for External Capacitor for Input Amplifier
20
47
REFHI
Connection for External Capacitor for Input Amplifier
Power Supply
1, 5, 9, 13
33, 36, 39, 42
VD
Analog Power Supply
1.8 V
26, 38, 52, 64
21, 53
VDD
Output Power Supply
1.8 V to 3.3 V
74, 76, 79
30, 32
PVD
PLL Power Supply
1.8 V
41
64
DAVDD
Digital Logic Power Supply
1.8 V
3, 7, 11, 15, 27,
39, 40, 53, 65,
75, 77, 80
N/A
GND
Ground
0 V
Control
66
22
SDA
Serial Port Data I/O
3.3 V CMOS
67
23
SCL
Serial Port Data Clock (100 kHz maximum)
3.3 V CMOS
22
49
A02
Serial Port Address Input
3.3 V CMOS
1 EXTCK and COAST share the same pin.
2 VSOUT and A0 share the same pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com