Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9984APCBZ Datasheet(PDF) 38 Page - Analog Devices

Part # AD9984APCBZ
Description  High Performance 10-Bit Display Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9984APCBZ Datasheet(HTML) 38 Page - Analog Devices

Back Button AD9984APCBZ Datasheet HTML 34Page - Analog Devices AD9984APCBZ Datasheet HTML 35Page - Analog Devices AD9984APCBZ Datasheet HTML 36Page - Analog Devices AD9984APCBZ Datasheet HTML 37Page - Analog Devices AD9984APCBZ Datasheet HTML 38Page - Analog Devices AD9984APCBZ Datasheet HTML 39Page - Analog Devices AD9984APCBZ Datasheet HTML 40Page - Analog Devices AD9984APCBZ Datasheet HTML 41Page - Analog Devices AD9984APCBZ Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
AD9984A
Rev. 0 | Page 38 of 44
0x25—Bit[6] HSYNC1 Polarity
This bit indicates the polarity of HSYNC1 input.
Table 71. HSYNC1 Polarity Bit
Value
Result
0
HSYNC1 polarity is negative.
1
HSYNC1 polarity is positive.
0x25—Bit[5] VSYNC0 Polarity
This bit indicates the polarity of VSYNC0 input.
Table 72. VSYNC0 Polarity Bit
Value
Result
0
VSYNC0 polarity is negative.
1
VSYNC0 polarity is positive.
0x25—Bit[4] VSYNC1 Polarity
This bit indicates the polarity of VSYNC1 input.
Table 73. VSYNC1 Polarity Bit
Value
Result
0
VSYNC1 polarity is negative.
1
VSYNC1 polarity is positive.
0x25—Bit[3] COAST Polarity
This bit indicates the polarity of the external COAST signal.
Table 74. COAST Polarity Bit
Value
Result
0
COAST polarity is negative.
1
COAST polarity is positive.
0x25—Bit[2] CLAMP Polarity
This bit indicates the polarity of the CLAMP signal.
Table 75. CLAMP Polarity Bit
Value
Result
0
CLAMP polarity is negative.
1
CLAMP polarity is positive.
0x25—Bit[1] Extraneous Pulse Detection
A second output from the Hsync filter, this status bit tells
whether extraneous pulses are present on the incoming sync
signal. Often, extraneous pulses are used for copy protection, so
this status bit can be used for this purpose.
Table 76. Extraneous Pulse Detection Bit
Value
Result
0
No extraneous pulses detected during active Hsync.
1
Extraneous pulses detected during active Hsync.
0x25—Bit[0] Sync Filter Lock
When this bit is set to 1, the sync filter is locked. When set to 0,
the sync filer is unlocked.
HSYNC COUNT
0x26—Bits[7:0] Hsyncs per Vsync MSBs
This register contains the 8 MSBs of the 12-bit counter that
reports the number of Hsyncs per Vsync on the active input. It
is useful for determining the mode and is an aid in setting the
PLL divide ratio.
0x27—Bits[7:4] Hsyncs per Vsync LSBs
This register contains the four LSBs of the 12-bit counter that
reports the number of Hsyncs per Vsync on the active input.
TEST REGISTERS
0x28—Bits[7:0] Test Register 1
Must be written to 0xBF for proper operation.
0x29—Bits[7:0] Test Register 2
Must be written to 0x02 for proper operation.
0x2A—Bits[7:0] Test Register 3
Read only bits for future use.
0x2B—Bits[7:0] Test Register 4
Read only bits for future use.
0x2C—Bits[7:5] Offset Hold
Must be written to default 0x00 for proper operation.
0x2C—Bit[4] Auto-Offset Hold
This bit controls whether the auto-offset function runs
continuously or only once and holds the result. Continuous
updates are recommended because they allow the AD9984A to
compensate for drift over time, temperature, and so on. If one-
time updates are preferred, they should be performed every
time the part is powered up and when there is a mode change.
To perform a one-time update, auto-offset must first be enabled
(Register 0x1B, Bit 5). Next, this bit (auto-offset hold) must first
be set to 0 to let the auto-offset function operate and settle to a
final value. Auto-offset hold should then be set to 1 to hold the
offset values that the auto circuitry calculates. The AD9984A
auto-offset circuit’s maximum settle time is 10 updates. For
example, if the update frequency is set to once every 192 Hsyncs,
the maximum settling time is 1920 Hsyncs (10 × 192 Hsyncs).
Table 77. Auto-Offset Hold Bit
Value
Result
0
Allows auto-offset to continuously update.
1
Disables auto-offset updates and holds the current
auto-offset values.
0x2C—Bits[3:0]
Must be written to 0x0 for proper operation.
0x2D—Bits[7:0] Test Register 5
Read/write bits for future use. Must be written to 0xE8 for
proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com