Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9984APCBZ Datasheet(PDF) 24 Page - Analog Devices

Part # AD9984APCBZ
Description  High Performance 10-Bit Display Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9984APCBZ Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9984APCBZ Datasheet HTML 20Page - Analog Devices AD9984APCBZ Datasheet HTML 21Page - Analog Devices AD9984APCBZ Datasheet HTML 22Page - Analog Devices AD9984APCBZ Datasheet HTML 23Page - Analog Devices AD9984APCBZ Datasheet HTML 24Page - Analog Devices AD9984APCBZ Datasheet HTML 25Page - Analog Devices AD9984APCBZ Datasheet HTML 26Page - Analog Devices AD9984APCBZ Datasheet HTML 27Page - Analog Devices AD9984APCBZ Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
AD9984A
Rev. 0 | Page 24 of 44
2-WIRE SERIAL REGISTER MAP
The AD9984A is initialized and controlled by a set of registers that determine the operating modes. An external controller is employed to
write and read the control registers through the 2-wire serial interface port.
Table 14. Control Register Map
Hex
Address
Read/Write,
Read Only
Bits
Default
Value
Register Name
Description
0x00
RO
7:0
0010 0000
Chip Revision
An 8-bit register that represents the silicon revision level.
0x01
R/W
7:0
0110 1001
PLL Div MSBs
The 8 MSBs (Bits[11:4] of the PLL Divider. Larger values mean the PLL
operates at a faster rate. This register should be loaded first when a
change is needed. (This gives the PLL more time to lock).1
0x02
R/W
7:4
1101 ****
PLL Div LSBs
The 4 LSBs (Bits[3:0]) of the PLL Divider. Links to the PLL Div MSB to
make a 12-bit register.1
0x03
R/W
7:6
01** ****
VCO/CPMP
VCO Range Select. Chooses the VCO frequency range (see the Clock
Generation section).
5:3
**00 1***
Charge Pump Current. Varies the current that drives the low-pass filter
(see the Clock Generation section).
2
**** *0**
External Clock Enable.
0x04
R/W
7:3
1000 0***
Phase Adjust
ADC Clock Phase Adjust. Larger values mean more delay. (1 LSB = T/32).
0x05
R/W
6:0
*100 0000
Red Gain MSBs
The 7 MSBs of the Red Channel Gain Control. Controls ADC input range
(contrast) of each respective channel. Larger values give less contrast.
0x06
R/W
7:6
00** ****
Red Gain LSBs
The 2 LSBs of the Red Channel Gain Control. Links with Register 0x05
to form the 9-bit red gain that controls the ADC input range (contrast)
of the red channel. A lower value corresponds to a higher gain.1
0x07
R/W
6:0
*100 0000
Green Gain MSBs
The 7 MSBs of the Green Channel Gain Control. Controls ADC input
range (contrast) of each respective channel. Larger values give less
contrast.
0x08
R/W
7:6
00** ****
Green Gain LSBs
The 2 LSBs of the Green Channel Gain Control. Links to Register 0x07
to form the 9-bit green gain that controls the ADC input range (contrast)
of the green channel. A lower value corresponds to a higher gain.1
0x09
R/W
6:0
*100 0000
Blue Gain MSBs
The 7 MSBs of the Blue Channel Gain Control. Controls ADC input range
(contrast) of each respective channel. Larger values give less contrast.
0x0A
R/W
7:6
00** ****
Blue Gain LSBs
The 2 LSBs of the Blue Channel Gain Control. Links to Register 0x09
to form the 9-bit blue gain that controls the ADC input range (contrast)
of the blue channel. A lower value corresponds to a higher gain.1
0x0B
R/W
7:0
0100 0000
Red Offset MSBs
The 8 MSBs of the Red Channel Offset Control. Controls dc offset
(brightness) of each respective channel. Larger values decrease
brightness.1
0x0C
R/W
7:5
000* ****
Red Offset LSBs
The 3 LSBs of the Red Channel Offset Control. Links to Register 0x0B
to form the 11-bit red offset that controls the dc offset (brightness)
of the red channel in auto-offset mode.
0x0D
R/W
7:0
0100 0000
Green Offset MSBs
The 8 MSBs of the Green Channel Offset Control. Controls dc offset
(brightness) of each respective channel. Larger values decrease
brightness.1
0x0E
R/W
7:5
000* ****
Green Offset LSBs
The 3 LSBs of the Green Channel Offset Control. Links to Register 0x0D
to form the 11-bit green offset that controls the dc offset (brightness)
of the green channel in auto-offset mode.
0x0F
R/W
7:0
0100 0000
Blue Offset MSBs
The 8 MSBs of the Blue Channel Offset Control. Controls dc offset
(brightness) of each respective channel. Larger values decrease
brightness.1
0x10
R/W
7:5
000* ****
Blue Offset LSBs
The 3 LSBs of the Blue Channel Offset Control. Links to Register 0x0F
to form the 11-bit blue offset that controls the dc offset (brightness)
of the blue channel in auto-offset mode.
0x11
R/W
7:0
0010 0000
Sync Separator
Threshold
Sets the threshold of the sync separator’s digital comparator.
0x12
R/W
7
0*** ****
Hsync Control
Hsync Source Override.
0 = The chip determines the active Hsync source.
1 = The active Hsync source is set by Reg. 0x12, Bit 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com