Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9984APCBZ Datasheet(PDF) 20 Page - Analog Devices

Part # AD9984APCBZ
Description  High Performance 10-Bit Display Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9984APCBZ Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9984APCBZ Datasheet HTML 16Page - Analog Devices AD9984APCBZ Datasheet HTML 17Page - Analog Devices AD9984APCBZ Datasheet HTML 18Page - Analog Devices AD9984APCBZ Datasheet HTML 19Page - Analog Devices AD9984APCBZ Datasheet HTML 20Page - Analog Devices AD9984APCBZ Datasheet HTML 21Page - Analog Devices AD9984APCBZ Datasheet HTML 22Page - Analog Devices AD9984APCBZ Datasheet HTML 23Page - Analog Devices AD9984APCBZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
AD9984A
Rev. 0 | Page 20 of 44
DATAIN
P0
P1
P2
P5
P3
P4
P9
P6
P8
P10
P11
P7
HSYNCx
DATACK
8 CLOCK CYCLE DELAY
DATAOUT
P0
P1
P2
P3
2 CLOCK CYCLE DELAY
HSOUT
Figure 15. 4:4:4 Timing Mode
DATAIN
HSYNCx
DATACK
8 CLOCK CYCLE DELAY
Cb/CrOUT
YOUT
2 CLOCK CYCLE DELAY
HSOUT
NOTES
1. PIXEL AFTER HSOUT CORRESPONDS TO BLUE INPUT.
2. EVEN NUMBER OF PIXEL DELAY BETWEEN HSOUT AND DATAOUT.
P0
P1
P2
P3
P4
P5
P6
P7
P8
P9
P10
P11
Y0
CB0
CR0
CB2
CR2
Y1
Y2
Y3
Figure 16. 4:2:2 Timing Mode
DATAIN
P0
P1
P2
P5
P3
P4
P9
P6
P8
P10
P11
P7
HSYNCx
DATACK
8 CLOCK CYCLE DELAY
2 CLOCK CYCLE DELAY
DDR NOTES
1. OUTPUT DATACK MAY BE DELAYED 1/4 CLOCK PERIOD IN THE REGISTERS.
2. SEE PROJECT DOCUMENT FOR VALUES OF F (FALLING EDGE) AND R (RISING EDGE).
3. FOR DDR 4:2:2 MODE: TIMING IS IDENTICAL, VALUES OF F AND R CHANGE.
GENERAL NOTES
1. DATA DELAY MAY VARY ± ONE CLOCK CYCLE, DEPENDING ON PHASE SETTING.
2. ADCs SAMPLE INPUT ON FALLING EDGE OF DATACK.
3. HSYNC SHOWN IS ACTIVE HIGH (EDGE SHOWN IS LEADING EDGE).
HSOUT
F0 R0 F1 R1 F2 R2 F3 R3
Figure 17. Double Data Rate (DDR) Timing Mode
HSYNC TIMING
The Hsync is processed in the AD9984A to eliminate ambiguity
in the timing of the leading edge with respect to the phase-
delayed pixel clock and data.
The Hsync input is used as a reference to generate the pixel
sampling clock. The sampling phase can be adjusted with
respect to Hsync through a full 360° in 32 steps via the phase
adjust register (to optimize the pixel sampling time). Display
systems use Hsync to align memory and display write cycles.
Therefore, it is important to have a stable timing relationship
between the Hsync output (HSOUT) and data clock (DATACK).
Three things happen to Hsync in the AD9984A. First, the
polarity of Hsync input is determined and, as a result, has a
known output polarity. The known output polarity can be
programmed either active high or active low (Register 0x12,
Bit 3). Second, HSOUT is aligned with DATACK and data
outputs. Third, the duration of HSOUT (in pixel clocks) is set
via Register 0x13. HSOUT is the sync signal that should be used
to drive the rest of the display system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com