Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9984APCBZ Datasheet(PDF) 25 Page - Analog Devices

Part # AD9984APCBZ
Description  High Performance 10-Bit Display Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9984APCBZ Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9984APCBZ Datasheet HTML 21Page - Analog Devices AD9984APCBZ Datasheet HTML 22Page - Analog Devices AD9984APCBZ Datasheet HTML 23Page - Analog Devices AD9984APCBZ Datasheet HTML 24Page - Analog Devices AD9984APCBZ Datasheet HTML 25Page - Analog Devices AD9984APCBZ Datasheet HTML 26Page - Analog Devices AD9984APCBZ Datasheet HTML 27Page - Analog Devices AD9984APCBZ Datasheet HTML 28Page - Analog Devices AD9984APCBZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
AD9984A
Rev. 0 | Page 25 of 44
Hex
Address
Read/Write,
Read Only
Bits
Default
Value
Register Name
Description
6
*0** ****
Hsync Source Select. Determines the source of the Hsync for PLL and
sync processing. This bit is used only if Reg. 0x12, Bit 7 is set to 1 or if
both syncs are active.
0 = Hsync is from HSYNCx input pin.
1 = Hsync is from SOG.
5
**0* ****
Hsync Input Polarity Override.
0 = The chip selects the Hsync input polarity.
1 = The input polarity of Hsync is controlled by Reg. 0x12, Bit 4.
4
***1 ****
Hsync Input Polarity. This bit is used only if Reg. 0x12, Bit 5 is set to 1.
0 = Hsync input polarity is negative.
1 = Hsync input polarity is positive.
3
**** 1***
Hsync Output Polarity. Sets the polarity of the Hsync output signal
(HSOUT).
0 = HSOUT polarity is negative.
1 = HSOUT polarity is positive.
0x13
R/W
7:0
0010 0000
Hsync Duration
Sets the number of pixel clocks that HSOUT is active.
0x14
R/W
7
0*** ****
Vsync Control
Vsync Source Override.
0 = The chip determines the active Vsync source.
1 = The active Vsync source is set by Reg. 0x14, Bit 6.
6
*0** ****
Vsync Source Select. Determines the source of Vsync for sync
processing. This bit is used only if Reg. 0x14, Bit 7 is set to 1.
0 = Vsync is from the VSYNCx input pin.
1 = Vsync is from the sync separator.
5
**0* ****
Vsync Input Polarity Override.
0 = The chip selects Vsync input polarity.
1 = The input polarity of Vsync is set by Reg. 0x14, Bit 4.
4
***1 ****
Vsync Input Polarity. This bit is used only if Reg. 0x14, Bit 5 is set to 1.
0 = Vsync input polarity is negative.
1 = Vsync input polarity is positive.
3
**** 1***
Vsync Output Polarity. Sets the polarity of the output Vsync signal
(VSOUT).
0 = VSOUT polarity is negative.
1 = VSOUT polarity is positive.
2
**** *0**
Vsync Filter Enable. This needs to be enabled when using the Hsync
to Vsync counter.
0 = The Vsync filter is disabled.
1 = The Vsync filter is enabled.
1
**** **0*
Vsync Duration Block Enable. This is designed to be used with the
Vsync filter.
0 = Vsync output duration is unchanged.
1 = Vsync output duration is set by Register 0x15.
0x15
R/W
7:0
0000 1010
Vsync Duration
Sets the number of Hsyncs that Vsync out is active. This is only used if
Reg. 0x14, Bit 1 is set to 1.
0x16
R/W
7:0
0000 0000
Precoast
The number of Hsync periods to coast prior to Vsync.
0x17
R/W
7:0
0000 0000
Postcoast
The number of Hsync periods to coast after Vsync.
0x18
R/W
7
0*** ****
Coast and Clamp
Control
Coast Source. Determines the source of the coast signal.
0 = Using internal coast generated from Vsync.
1 = Using external coast signal from COAST pin.
6
*0** ****
Coast Polarity Override.
0 = The chip selects the coast polarity.
1 = The polarity of the coast signal is set by Reg. 0x18, Bit 5.
5
**1* ****
Coast Polarity. This bit is used only if Reg. 0x18, Bit 6 is set to 1.
0 = Coast polarity is negative.
1 = Coast polarity is positive.
4
***0 ****
Clamp Source Select. Determines the source of the clamp timing.
0 = Uses the internal clamp generated from Hsync.
1 = Uses the external CLAMP signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com