Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9984APCBZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD9984APCBZ
Description  High Performance 10-Bit Display Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9984APCBZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9984APCBZ Datasheet HTML 15Page - Analog Devices AD9984APCBZ Datasheet HTML 16Page - Analog Devices AD9984APCBZ Datasheet HTML 17Page - Analog Devices AD9984APCBZ Datasheet HTML 18Page - Analog Devices AD9984APCBZ Datasheet HTML 19Page - Analog Devices AD9984APCBZ Datasheet HTML 20Page - Analog Devices AD9984APCBZ Datasheet HTML 21Page - Analog Devices AD9984APCBZ Datasheet HTML 22Page - Analog Devices AD9984APCBZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
AD9984A
Rev. 0 | Page 19 of 44
POWER MANAGEMENT
To meet display requirements for low standby power, the
AD9984A includes a power-down mode. The power-down state
can be controlled manually (via Pin 17 or Register 0x1E, Bit 3),
or automatically by the chip. If automatic control is selected
(Register 0x1E, Bit 4 =1), the AD9984A’s decision is based on
the status of the following sync detect bits in Register 0x24: Bit 2,
Bit 3, Bit 6, and Bit 7. If either an Hsync or a sync-on-green input
is detected on any input, the chip powers up; otherwise, it powers
down. For manual control, the AD9984A allows flexibility of
control through both a dedicated pin and a register bit. For the
dedicated pin, a hardware watchdog circuit controls power-down,
while software controls power-down for the register bit. With
manual power-down control, the polarity of the power-down
pin must be set (Register 0x1E, Bit 2) whether the pin is used or
not. If unused, it is recommended to set the polarity to active
high and hardwire the pin to ground with a 10 kΩ resistor.
In power-down mode, several circuits continue to operate
normally. The serial register and sync detect circuits maintain
power so that the AD9984A can be woken up from its power-
down state. The band gap circuit maintains power because it is
needed for sync detection. The sync-on-green and SOGOUT
functions continue to operate because SOGOUT is needed
when sync detection is performed by a secondary chip. All of
these circuits require minimal power to operate. Typical
standby power on the AD9984A is about 50 mW.
There are two options that can be selected when in power-
down. These are controlled by Bit 0 and Bit 1 in Register 0x1E.
Bit 0 controls whether the SOGOUT pin is in high impedance
or not. In most cases, the user does not place SOGOUT in high
impedance during normal operation. The option to put SOGOUT
in high impedance is included mainly to allow for factory testing
modes. Bit 1 keeps the AD9984A powered up while placing
only the outputs in high impedance. This option is useful when
the data outputs from two chips are connected on a PCB and
the user wants to switch instantaneously between the two.
Table 11.Power-Down Control and Mode Descriptions
Inputs
Mode
Auto Power-Down Control1
Power-Down2
Sync Detect3
Powered on/Comments
Power-Up
1
X
1
Everything.
Power-Down
1
X
0
Only the serial bus, sync activity detect,
SOG, band gap reference.
Power-Up
0
0
X
Everything.
Power-Down
0
1
X
Only the serial bus, sync activity detect,
SOG, band gap reference.
1 Auto power-down control is set by Register 0x1E, Bit 4.
2 Power-down is controlled by OR’ing Pin 17 with Register 0x1E, Bit 3. The polarity of Pin 17 is set by Register 0x1E, Bit 2.
3 Sync detect is determined by OR’ing Register 0x24, Bit 2, Bit 3, Bit 6, and Bit 7.
TIMING DIAGRAMS
The timing diagrams in Figure 14 to Figure 17 show the operation of the AD9984A. The output data clock signal is created so that its
rising edge always occurs between data transitions and can be used to latch the output data externally. There is a pipeline in the AD9984A
that must be flushed before valid data becomes available. This means six data sets are present before valid data is available.
tPER
tDCYCLE
tSKEW
DATACK
DATA
HSOUT
Figure 14. Output Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com