Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9984APCBZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD9984APCBZ
Description  High Performance 10-Bit Display Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9984APCBZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9984APCBZ Datasheet HTML 2Page - Analog Devices AD9984APCBZ Datasheet HTML 3Page - Analog Devices AD9984APCBZ Datasheet HTML 4Page - Analog Devices AD9984APCBZ Datasheet HTML 5Page - Analog Devices AD9984APCBZ Datasheet HTML 6Page - Analog Devices AD9984APCBZ Datasheet HTML 7Page - Analog Devices AD9984APCBZ Datasheet HTML 8Page - Analog Devices AD9984APCBZ Datasheet HTML 9Page - Analog Devices AD9984APCBZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
AD9984A
Rev. 0 | Page 6 of 44
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
2
BAIN0
3
GND
4
BAIN1
7
GND
6
GAIN0
5
VD (1.8V)
1
VD (1.8V)
8
SOGIN0
9
VD (1.8V)
10
GAIN1
12
SOGIN1
13
VD (1.8V)
14
RAIN0
15
GND
16
RAIN1
17
PWRDN
18
REFLO
19
NC
20
REFHI
11
GND
59
58
57
54
55
56
60
53
52
BLUE 4
BLUE 5
BLUE 6
BLUE 9
BLUE 8
BLUE 7
BLUE 3
GND
VDD (3.3V)
51
GREEN 0
49
GREEN 2
48
GREEN 3
47
GREEN 4
46
GREEN 5
45
GREEN 6
44
GREEN 7
43
GREEN 8
42
GREEN 9
41
DAVDD (1.8V)
50
GREEN 1
21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40
80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61
AD9984A
TOP VIEW
(Not to Scale)
NC = NO CONNECT
PIN 1
INDICATOR
Figure 2. 80-Lead LQFP Pin Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com