Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4501 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC4501
Description  2Amp, 2MHz Step-Up Switching Regulator with Soft-Start
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4501 Datasheet(HTML) 4 Page - Semtech Corporation

  SC4501 Datasheet HTML 1Page - Semtech Corporation SC4501 Datasheet HTML 2Page - Semtech Corporation SC4501 Datasheet HTML 3Page - Semtech Corporation SC4501 Datasheet HTML 4Page - Semtech Corporation SC4501 Datasheet HTML 5Page - Semtech Corporation SC4501 Datasheet HTML 6Page - Semtech Corporation SC4501 Datasheet HTML 7Page - Semtech Corporation SC4501 Datasheet HTML 8Page - Semtech Corporation SC4501 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4
© 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC4501
Block Diagram
SHDN
COMP
ROSC
7
REG_GOOD
EA
-
FB
2
SS
8
REFERENCE
VOLTAGE
3
IN
6
1
CMP
-
+
SUPPLY
INTERNAL
SHUTDOWN
THERMAL
REG
1.1V
1.242V
+
4.6
µA
ENABLE
ENABLE
+
R
Q
S
PWM
CLK
-
+
+
CLK
+
-
ISEN
ILIM
+
-
I-LIMIT
Σ
GND
4
SW
5
R
OSCILLATOR
SLOP E COMP
1.5
µA
REG
SENSE
Figure 2. SC4501 (MSOP-8) Block Diagram.
Block Diagram
Pin Descriptions (MSOP-8)
Pin
Pin Name
Pin Function
1
COMP
The output of the internal transconductance error amplifier. This pin is used for loop compensation.
2
FB
The inverting input of the error amplifier. Tie to an external resistive divider to set the output voltage.
3
SHDN
Shutdown Pin. The accurate 1.1V shutdown threshold and the 4.6uA shutdown pin current
hysteresis allow the user to set the undervoltage lockout threshold and hysteresis for the switching
regulator. Pulling this pin below 0.1V causes the converter to shut down to low quiescent current.
Tie this pin to IN if the UVLO and the shutdown features are not used. This pin should not be left
floating.
4
GND
Ground. Tie to the ground plane.
5
SW
Collector of the internal power transistor. Connect to the boost inductor and the rectifying diode.
6
IN
Power Supply Pin. Bypassed with capacitors close to the pin.
7
ROSC
A resistor from this pin to the ground sets the switching frequency.
8
SS
Soft-Start Pin. A capacitor from this pin to the ground lengthens the start-up time and reduces start-
up current.
Exposed Pad
The exposed pad must be soldered to the ground plane on the PCB for good thermal conduction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com