Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4501 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC4501
Description  2Amp, 2MHz Step-Up Switching Regulator with Soft-Start
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4501 Datasheet(HTML) 1 Page - Semtech Corporation

  SC4501 Datasheet HTML 1Page - Semtech Corporation SC4501 Datasheet HTML 2Page - Semtech Corporation SC4501 Datasheet HTML 3Page - Semtech Corporation SC4501 Datasheet HTML 4Page - Semtech Corporation SC4501 Datasheet HTML 5Page - Semtech Corporation SC4501 Datasheet HTML 6Page - Semtech Corporation SC4501 Datasheet HTML 7Page - Semtech Corporation SC4501 Datasheet HTML 8Page - Semtech Corporation SC4501 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
POWER MANAGEMENT
1
www.semtech.com
SC4501
2Amp, 2MHz Step-Up Switching
Regulator with Soft-Start
Description
Features
Applications
u Flat screen LCD bias supplies
u TFT bias supplies
u XDSL power supplies
u Medical equipment
u Digital video cameras
u Portables devices
u White LED power supplies
The SC4501 is a high-frequency current-mode step-up
switching regulator with an integrated 2A power transis-
tor. Its high switching frequency (programmable up to
2MHz) allows the use of tiny surface-mount external pas-
sive components. Programmable soft-start eliminates high
inrush current during start-up. The internal switch is rated
at 32V making the converter suitable for high voltage ap-
plications such as Boost, SEPIC and Flyback.
The operating frequency of the SC4501 can be set with an
external resistor. The ability to set the operating frequency
gives the SC4501 design flexibilities. A dedicated COMP
pin allows optimization of the loop response. The SC4501
is available in thermally enhanced 8-Pin MSOP and 10-pin
MLPD packages.
Typical Application Circuit
u
Low saturation voltage switch: 220mV at 2A
u
Constant switching frequency current-mode control
u
Programmable switching frequency up to 2MHz
u
Soft-Start function
u
Input voltage range from 1.4V to 16V
u
Output voltage up to 32V
u
Low shutdown current
u
Adjustable undervoltage lockout threshold
u
Small low-profile thermally enhanced packages
Revision: October 25, 2005
C1
2.2
µF
5V
VIN
VOUT
SC4501
2
3
1
5
6
4
GND
SHDN
SS
IN
SW
FB
ROSC
COMP
8
7
ON
OFF
C3
10BQ015
R4
D1
L1
C2
10
µF
47nF
R2
20K
R1
174K
12V, 0.7A
C4
R3
C6
Figure 1(a). 5V to 12V Boost Converter.
All Capacitors are Ceramic.
MSOP-8 Pinout
f / MHz R
3 / KΩ
R
4 / KΩ
C
4 / pF
C
6 / pF
L
1 / µH
0.7
22.1
22.1
2200
-
10.5
(Falco D08019)
1.35
30.9
9.31
820
-
4.7
(Falco D08017)
2
63.4
4.75
470
22
3.3
(Coilcraft DO1813P)
Figure 1(b). Efficiencies of 5V to 12V Boost Converters at
700KHz, 1.4MHz and 2MHz.
Efficiency
50
55
60
65
70
75
80
85
90
95
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Load Current (A)
VOUT = 12V
4.7
µH, 1.4MHz
10.5
µH, 700KHz
3.3
µH, 2MHz
VIN = 5V


Similar Part No. - SC4501

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC450 SEMTECH-SC450 Datasheet
89Kb / 1P
Portable IMVP-IV??and IMVP4??Dual Phase Power Supply Controller
SC450 SEMTECH-SC450 Datasheet
82Kb / 1P
Portable IMVP-IV and IMVP4 Dual Phase Power Supply Controller
SC4502 SEMTECH-SC4502 Datasheet
407Kb / 19P
1.4Amp, 2MHz Step-Up Switching Regulator with Soft-Start
SC4502EVB SEMTECH-SC4502EVB Datasheet
407Kb / 19P
1.4Amp, 2MHz Step-Up Switching Regulator with Soft-Start
SC4502H SEMTECH-SC4502H Datasheet
407Kb / 19P
1.4Amp, 2MHz Step-Up Switching Regulator with Soft-Start
More results

Similar Description - SC4501

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8435 SII-S-8435 Datasheet
2Mb / 42P
STEP-UP SWITCHING REGULATOR
logo
Semtech Corporation
SC4502 SEMTECH-SC4502 Datasheet
407Kb / 19P
1.4Amp, 2MHz Step-Up Switching Regulator with Soft-Start
SC4521 SEMTECH-SC4521 Datasheet
322Kb / 18P
3A Step-Down Switching Regulator with Programmable Soft Start
logo
Kingbor Technology Co
KB3302 KINGBOR-KB3302 Datasheet
248Kb / 17P
2Amp, 2MHz Step-up Switching regulator with Soft-Start
logo
Linear Technology
LT3467 LINER-LT3467 Datasheet
268Kb / 16P
1.1A Step-Up DC/DC Converter with Integrated Soft-Start
LT3467 LINER-LT3467_15 Datasheet
276Kb / 18P
1.1A Step-Up DC/DC Converter with Integrated Soft-Start
LT3467A LINER-LT3467A_15 Datasheet
276Kb / 18P
1.1A Step-Up DC/DC Converter with Integrated Soft-Start
logo
Seiko Instruments Inc
S-19243A12A-E8T1U SII-S-19243A12A-E8T1U Datasheet
3Mb / 74P
CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19243A12H-E8T1U SII-S-19243A12H-E8T1U Datasheet
3Mb / 74P
CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19254E12H-E8T1U SII-S-19254E12H-E8T1U Datasheet
2Mb / 32P
CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com