Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4501 Datasheet(PDF) 18 Page - Semtech Corporation

Part # SC4501
Description  2Amp, 2MHz Step-Up Switching Regulator with Soft-Start
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4501 Datasheet(HTML) 18 Page - Semtech Corporation

Back Button SC4501 Datasheet HTML 13Page - Semtech Corporation SC4501 Datasheet HTML 14Page - Semtech Corporation SC4501 Datasheet HTML 15Page - Semtech Corporation SC4501 Datasheet HTML 16Page - Semtech Corporation SC4501 Datasheet HTML 17Page - Semtech Corporation SC4501 Datasheet HTML 18Page - Semtech Corporation SC4501 Datasheet HTML 19Page - Semtech Corporation SC4501 Datasheet HTML 20Page - Semtech Corporation SC4501 Datasheet HTML 21Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
18
© 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC4501
Typical Application Circuits
Figure 13(c). TFT Power Supply Start-up Transient as the
SHDN Pin is stepped from 0 to 2V.
2ms/div
CH2
CH1
CH3
CH4
CH1 : OUT1 Voltage, 5V/div
CH2 : OUT2 Voltage, 10V/div
CH3 : OUT3 Voltage, 5V/div
CH4 : SHDN Voltage, 2V/div
3.3V
C1
2.2
µF
23V (10mA)
OUT1
SC4501
2
3
1
5
6
4
GND
SHDN
SS
IN
SW
FB
ROSC
COMP
8
7
C3
C4
R3
R4
10BQ015
D1
10
µF
47nF
820pF
40.2K
R2
R1
C2
49.9K
274K
8V (0.55A)
7.68K
C9
0.1
µF
L1
2.2
µH
D6
D7
C10
1
µF
D2
0.1
µF
C5
D3
0.1
µF
C6
D4
0.1
µF
C7
D5
1
µF
C8
OUT2
OUT3
-8V (10mA)
R6
R5
100K
150K
Figure 13(a). 1.5MHz Triple-Output TFT Power Supply.
D2 - D7 : BAT54S
L1 : Cooper-Bussmann SD25-2R2
CH1 : OUT1 Voltage, 5V/div
CH4 : Input Voltage, 2V/div
4ms/div
CH2 : OUT2 Voltage, 10V/div
CH3 : OUT3 Voltage, 5V/div
CH2
CH1
CH3
CH4
Figure 13(b). TFT Power Supply V
IN Start-up Transient.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com