Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4501 Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC4501
Description  2Amp, 2MHz Step-Up Switching Regulator with Soft-Start
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4501 Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC4501 Datasheet HTML 8Page - Semtech Corporation SC4501 Datasheet HTML 9Page - Semtech Corporation SC4501 Datasheet HTML 10Page - Semtech Corporation SC4501 Datasheet HTML 11Page - Semtech Corporation SC4501 Datasheet HTML 12Page - Semtech Corporation SC4501 Datasheet HTML 13Page - Semtech Corporation SC4501 Datasheet HTML 14Page - Semtech Corporation SC4501 Datasheet HTML 15Page - Semtech Corporation SC4501 Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
12
© 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC4501
Application Information
Programming Undervoltage Lockout
The SC4501 has an internal V
IN undervoltage lockout
(UVLO) threshold of 1.4V. The transition from idle to
switching is abrupt but there is no hysteresis. If the input
voltage ramp rate is slow and the input bypass is limited,
then sudden turn on of the power transistor will cause a
dip in the line voltage. Switching will stop if V
IN falls below
the internal UVLO threshold. The resulting output voltage
rise may be non-monotonic. The 1.1V disable threshold of
the SC4501 can be used in conjunction with a resistive
voltage divider to raise the UVLO threshold and to add an
UVLO hysteresis. Figure 7 shows the scheme. Both V
H and
V
L (the desired upper and the lower UVLO threshold
voltages) are determined by the 1.1V threshold crossings,
V
H and VL are therefore:
(
)
3
HYS
H
HYS
H
L
4
3
H
R
I
V
V
V
V
V
1
.
1
R
R
1
V
−
=
−
=


+
=
(10)
Re-arranging,
HYS
HYS
3
I
V
R
=
(11)
1
1
.
1
V
R
R
H
3
4
−
=
(12)
Figure 6. Methods of Driving the Shutdown Pin
(c)
1N4148
SC4501
SHDN
IN
VIN
(a)
SC4501
SHDN
IN
(d)
SC4501
SHDN
IN
(b)
SC4501
SHDN
IN
(a) Directly Driven from a Logic Gate
(b) Driven from an Open-drain N-channel MOSFET or an Open-Collector NPN Transistor (V
OL < 0.1V)
(c) Driven from a Logic Gate with V
OH > VIN
(d) Combining Shutdown with Programmed UVLO (See Section Below).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com