Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4501 Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC4501
Description  2Amp, 2MHz Step-Up Switching Regulator with Soft-Start
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4501 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC4501 Datasheet HTML 5Page - Semtech Corporation SC4501 Datasheet HTML 6Page - Semtech Corporation SC4501 Datasheet HTML 7Page - Semtech Corporation SC4501 Datasheet HTML 8Page - Semtech Corporation SC4501 Datasheet HTML 9Page - Semtech Corporation SC4501 Datasheet HTML 10Page - Semtech Corporation SC4501 Datasheet HTML 11Page - Semtech Corporation SC4501 Datasheet HTML 12Page - Semtech Corporation SC4501 Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
9
© 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC4501
Duty Cycle
The duty cycle D of a boost converter is:
D
OUT
CESAT
D
OUT
IN
V
V
V
1
V
V
V
1
D
+
−
+
−
=
(3)
where V
CESAT is the switch saturation voltage and VD is
voltage drop across the rectifying diode.
Maximum Output Current
In a boost switching regulator the inductor is connected
to the input. The DC inductor current is the input current.
When the power switch is turned on, the inductor current
flows into the switch. When the power switch is off, the
inductor current flows through the rectifying diode to the
output. The output current is the average diode current.
The diode current waveform is trapezoidal with pulse width
(1 – D)T (Figure 5). The output current available from a
boost converter therefore depends on the converter
operating duty cycle. The power switch current in the
SC4501 is internally limited to 2A. This is also the maximum
inductor or the input current. By estimating the conduction
losses in both the switch and the diode, an expression of
the maximum available output current of a boost converter
can be derived:
(
)
−
−
−
−
=
IN
CESAT
D
D
OUT
IN
LIM
OUTMAX
V
V
V
D
V
45
D
1
V
V
I
I
(4)
where I
LIM is the switch current limit.
It is worth noting that I
OUTMAX is directly proportional to the
ratio
OUT
IN
V
V
. Equation (4) over-estimates the maximum
output current at high frequencies (>1MHz) since
switching losses are neglected in its derivation.
Nevertheless it is a useful first-order approximation.
Using V
CESAT = 0.3V, VD = 0.5V and ILIM = 2A in (3) and (4),
the maximum output currents for three V
IN and VOUT
combinations are shown in Table 1.
V
IN ( V )
V
OUT ( V )
D
I
OUTMAX ( A )
2.5
12
0.820
0.35
3.3
5
0.423
1.14
5
12
0.615
0.76
Considerations for High Frequency Operation
The operating duty cycle of a boost converter decreases as
V
IN approaches VOUT. The PWM modulating ramp in a
current-mode switching regulator is the sensed current ramp
of the control switch. This current ramp is absent unless
the switch is turned on. The intersection of this ramp with
the output of the voltage feedback error amplifier
determines the switch pulse width. The propagation delay
time required to immediately turn off the switch after it
is turned on is the minimum switch on time. Regulator
closed-loop measurement shows that the SC4501 has
a minimum on time of about 150ns at room temperature.
The power switch in the SC4501 is either not turned on
at all or for at least 150ns. If the required switch on time
is shorter than the minimum on time, the regulator will
either skip cycles or it will start to jitter.
Example: Determine the maximum operating frequency
of a Li-ion cell to 5V converter using the SC4501.
Assuming that V
D=0.5V, VCESAT=0.3V and VIN=2.6 - 4.2V,
the minimum duty ratio can be found using (3).
25
.
0
5
.
0
5
3
.
0
1
5
.
0
5
2
.
4
1
D
MIN
=
+
−
+
−
=
Application Information
Figure 5. Current Waveforms in a Boost Regulator
Inductor Current
Switch Current
Diode Current
ON
ON
OFF
ON
ON
OFF
ON
OFF
IOUT
IIN
(1-D)T
DT
Table 1. Calculated Maximum Output Current [ Equation (4)]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com