Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4501 Datasheet(PDF) 19 Page - Semtech Corporation

Part # SC4501
Description  2Amp, 2MHz Step-Up Switching Regulator with Soft-Start
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4501 Datasheet(HTML) 19 Page - Semtech Corporation

Back Button SC4501 Datasheet HTML 13Page - Semtech Corporation SC4501 Datasheet HTML 14Page - Semtech Corporation SC4501 Datasheet HTML 15Page - Semtech Corporation SC4501 Datasheet HTML 16Page - Semtech Corporation SC4501 Datasheet HTML 17Page - Semtech Corporation SC4501 Datasheet HTML 18Page - Semtech Corporation SC4501 Datasheet HTML 19Page - Semtech Corporation SC4501 Datasheet HTML 20Page - Semtech Corporation SC4501 Datasheet HTML 21Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
19
© 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC4501
Typical Application Circuits
C1
2.2
µF
SC4501
2
3
1
5
6
4
GND
SHDN
SS
IN
SW
FB
ROSC
COMP
8
7
R4
10BQ015
D1
C3
10nF
4.7
µF
C2
R2
43.2K
R1
698
8.06K
C4
10nF
L1
2.2
µH
R5
10K
0.1
Ω
R6
2.6 - 4.2V
1-CELL
LI-ION
1/2
LM358
0.2A (TORCH)
MMBT 3904T
SUMIDA
CR43
ON
OFF
D2
LXCL-PWF1
Q1
C5
0.1
µF
R6
17.4K
FLASH
TORCH
- 3.4V to 3.8V +
MMBF2201NT1
M1
0.7A (FLASH)
Figure 14(a). 1.4MHz LuxeonTM Flash White LED Driver for Camera Phones
Figure 14(b) and 14(c). Photo Flash LED Current is Switched Between Torch Mode (0.2A) and Flash Mode (0.7A).
CH1 : Torch/Flash Control Voltage, 5V/div
CH4 : Inductor Current, 1A/div
CH2 : FB Pin Voltage, 1V/div
CH3 : LED Current, 0.5A/div
Higher LED Current (>0.7A) in Flash Mode is Possible with Fresh Battery.
4ms/div
CH1
CH2
CH3
CH4
VIN = 2.6V
(b)
CH1
CH2
CH3
CH4
VIN = 4.2V
4ms/div
(c)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com