Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4501 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC4501
Description  2Amp, 2MHz Step-Up Switching Regulator with Soft-Start
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4501 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC4501 Datasheet HTML 2Page - Semtech Corporation SC4501 Datasheet HTML 3Page - Semtech Corporation SC4501 Datasheet HTML 4Page - Semtech Corporation SC4501 Datasheet HTML 5Page - Semtech Corporation SC4501 Datasheet HTML 6Page - Semtech Corporation SC4501 Datasheet HTML 7Page - Semtech Corporation SC4501 Datasheet HTML 8Page - Semtech Corporation SC4501 Datasheet HTML 9Page - Semtech Corporation SC4501 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6
© 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC4501
Typical Characteristics
Feedback Voltage vs Temperature
1.15
1.2
1.25
1.3
-50
-25
0
25
50
75
100
125
Temperature (ºC)
Switch Current Limit
vs Temperature
2
2.2
2.4
2.6
2.8
3
-50
-25
0
25
50
75
100
Temperature (ºC)
ROSC vs Switching Frequency
1
10
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (MHz)
VIN = 2V
25ºC
Switching Frequency
vs Temperature
1.3
1.4
1.5
1.6
1.7
-50
-25
0
25
50
75
100
125
Temperature (ºC)
VIN = 12V
VIN = 2V
ROSC = 7.68K
Ω
VIN Quiescent Current vs Temperature
0.8
0.9
1
1.1
1.2
1.3
-50
-25
0
25
50
75
100
125
Temperature (ºC)
VIN = 16V
VIN = 2V
Not Switching
VIN Current in Shutdown
vs Input Voltage
0
10
20
30
40
50
0
5
10
15
20
Input Voltage (V)
125ºC
-40ºC
VSHDN = 0
Shutdown Threshold
vs Temperature
1.00
1.05
1.10
1.15
1.20
-50
-25
0
25
50
75
100
125
Temperature (ºC)
VIN = 2V
Minimum VIN vs Temperature
1
1.1
1.2
1.3
1.4
1.5
-50
-25
0
25
50
75
100
125
Temperature (ºC)
Switch Saturation Voltage
vs Switch Current
0
100
200
300
400
0
0.5
1
1.5
2
2.5
3
Switch Current (A)
85ºC
25ºC
-40ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com