Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4501 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC4501
Description  2Amp, 2MHz Step-Up Switching Regulator with Soft-Start
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4501 Datasheet(HTML) 2 Page - Semtech Corporation

  SC4501 Datasheet HTML 1Page - Semtech Corporation SC4501 Datasheet HTML 2Page - Semtech Corporation SC4501 Datasheet HTML 3Page - Semtech Corporation SC4501 Datasheet HTML 4Page - Semtech Corporation SC4501 Datasheet HTML 5Page - Semtech Corporation SC4501 Datasheet HTML 6Page - Semtech Corporation SC4501 Datasheet HTML 7Page - Semtech Corporation SC4501 Datasheet HTML 8Page - Semtech Corporation SC4501 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
© 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC4501
Absolute Maximum Rating
Electrical Characteristics
Exceeding the specifications below may result in permanent damage to the device, or device malfunction. Operation outside of the parameters specified
in the Electrical Characteristics section is not implied.
Parameter
Test Conditions
Min
Typ
Max
Unit
Undervoltage Lockout Threshold
1.3
1.4
V
Maximum Operating Voltage
16
V
Feedback Voltage
T
A = 25°C
1.224
1.242
1.260
V
-40°C < T
A < 85°C
1.217
1.267
V
Feedback Voltage Line
Regulation
1.5V < V
IN < 16V
0.01
%
FB Pin Bias Current
40
80
nA
Error Amplifier Transconductance
60
µΩ−1
Error Amplifier Open-Loop Gain
49
dB
COMP Source Current
V
FB = 1.1V
5
µA
COMP Sink Current
V
FB = 1.4V
5
µA
V
IN Quiescent Supply Current
V
SHDN = 1.5V, VCOMP = 0 ( Not Switching )
1.1
1.6
mA
V
IN Supply Current in Shutdown
V
SHDN = 0
10
18
µA
Switching Frequency
1.3
1.5
1.7
MHz
Maximum Duty Cycle
85
90
%
Minimum Duty Cycle
0
%
Switch Current Limit
2
2.8
A
Switch Saturation Voltage
I
SW = 2A
220
350
mV
Unless specified: V
IN = 2V, SHDN = 1.5V, ROSC = 7.68kΩ, -40°C < TA = TJ < 85°C
Parameter
Symbol
Typ
Units
Supply Voltage
V
IN
-0.3 to 18
V
SW Voltage
V
SW
-0.3 to 32
V
FB Voltages
V
FB
-0.3 to 2.5
V
SHDN Voltage
V
SHDN
-0.3 to V
IN + 1
V
Operating Temperature Range
T
A
-40 to +85
°C
Thermal Resistance Junction to Ambient (MSOP-8)
θ
JA
40
°C/W
Thermal Resistance Junction to Ambient (MLPD-10)
θ
JA
40
Maximum Junction Temperature
T
J
160
°C
Storage Temperature Range
T
STG
-65 to +150
°C
Lead Temperature (Soldering)10 sec
T
LEAD
260
°C
ESD Rating (Human Body Model)
ESD
2000
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com