Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4501 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC4501
Description  2Amp, 2MHz Step-Up Switching Regulator with Soft-Start
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4501 Datasheet(HTML) 3 Page - Semtech Corporation

  SC4501 Datasheet HTML 1Page - Semtech Corporation SC4501 Datasheet HTML 2Page - Semtech Corporation SC4501 Datasheet HTML 3Page - Semtech Corporation SC4501 Datasheet HTML 4Page - Semtech Corporation SC4501 Datasheet HTML 5Page - Semtech Corporation SC4501 Datasheet HTML 6Page - Semtech Corporation SC4501 Datasheet HTML 7Page - Semtech Corporation SC4501 Datasheet HTML 8Page - Semtech Corporation SC4501 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3
© 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC4501
Pin Configurations
Ordering Information
Electrical Characteristics (Cont.)
TOP VIEW
(10 Pin - MLPD, 3 x 3mm)
Device(1)(2)
Package
Temp. Range( T
A)
SC4501MLTRT
MLPD-10
-40 to 85°C
SC4501MSETRT(3)
MSOP-8-EDP
SC4501EVB
Evaluation Board
Notes:
(1) Only available in tape and reel packaging. A reel
contains 3000 devices for MLP package and 2500
devices for MSOP.
(2) Lead free product. This product is fully WEEE and
RoHS compliant.
(3) Contact factory for availability.
1
2
3
4
SS
COMP
TOP VIEW
(8 Pin MSOP-EDP)
5
6
7
8
ROSC
FB
IN
SHDN
SW
GND
Unless specified: V
IN = 2V, SHDN = 1.5V, ROSC = 7.68kΩ, -40°C < TA = TJ < 85°C
Parameter
Test Conditions
Min
Typ
Max
Unit
Switch Leakage Current
V
SW = 5V
0.01
1
µA
Shutdown Threshold Voltage
1.02
1.1
1.18
V
Shutdown Pin Current
V
SHDN = 1.2V
-4.6
µA
V
SHDN = 0
0
0.1
µA
Soft-Start Charging Current
V
SS = 0.3V
1.5
µA
Thermal Shutdown Temperature
160
°C
Thermal Shutdown Hysteresis
10
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com