Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F273 Datasheet(PDF) 53 Page - STMicroelectronics

Part # ST10F273
Description  16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F273 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button ST10F273 Datasheet HTML 49Page - STMicroelectronics ST10F273 Datasheet HTML 50Page - STMicroelectronics ST10F273 Datasheet HTML 51Page - STMicroelectronics ST10F273 Datasheet HTML 52Page - STMicroelectronics ST10F273 Datasheet HTML 53Page - STMicroelectronics ST10F273 Datasheet HTML 54Page - STMicroelectronics ST10F273 Datasheet HTML 55Page - STMicroelectronics ST10F273 Datasheet HTML 56Page - STMicroelectronics ST10F273 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 179 page
background image
ST10F273
Interrupt system
53/179
CAPCOM register 6
CC6IR
CC6IE
CC6INT
00’0058h
16h
CAPCOM register 7
CC7IR
CC7IE
CC7INT
00’005Ch
17h
CAPCOM register 8
CC8IR
CC8IE
CC8INT
00’0060h
18h
CAPCOM register 9
CC9IR
CC9IE
CC9INT
00’0064h
19h
CAPCOM register 10
CC10IR
CC10IE
CC10INT
00’0068h
1Ah
CAPCOM register 11
CC11IR
CC11IE
CC11INT
00’006Ch
1Bh
CAPCOM register 12
CC12IR
CC12IE
CC12INT
00’0070h
1Ch
CAPCOM register 13
CC13IR
CC13IE
CC13INT
00’0074h
1Dh
CAPCOM register 14
CC14IR
CC14IE
CC14INT
00’0078h
1Eh
CAPCOM register 15
CC15IR
CC15IE
CC15INT
00’007Ch
1Fh
CAPCOM register 16
CC16IR
CC16IE
CC16INT
00’00C0h
30h
CAPCOM register 17
CC17IR
CC17IE
CC17INT
00’00C4h
31h
CAPCOM register 18
CC18IR
CC18IE
CC18INT
00’00C8h
32h
CAPCOM register 19
CC19IR
CC19IE
CC19INT
00’00CCh
33h
CAPCOM register 20
CC20IR
CC20IE
CC20INT
00’00D0h
34h
CAPCOM register 21
CC21IR
CC21IE
CC21INT
00’00D4h
35h
CAPCOM register 22
CC22IR
CC22IE
CC22INT
00’00D8h
36h
CAPCOM register 23
CC23IR
CC23IE
CC23INT
00’00DCh
37h
CAPCOM register 24
CC24IR
CC24IE
CC24INT
00’00E0h
38h
CAPCOM register 25
CC25IR
CC25IE
CC25INT
00’00E4h
39h
CAPCOM register 26
CC26IR
CC26IE
CC26INT
00’00E8h
3Ah
CAPCOM register 27
CC27IR
CC27IE
CC27INT
00’00ECh
3Bh
CAPCOM register 28
CC28IR
CC28IE
CC28INT
00’00F0h
3Ch
CAPCOM register 29
CC29IR
CC29IE
CC29INT
00’0110h
44h
CAPCOM register 30
CC30IR
CC30IE
CC30INT
00’0114h
45h
CAPCOM register 31
CC31IR
CC31IE
CC31INT
00’0118h
46h
CAPCOM timer 0
T0IR
T0IE
T0INT
00’0080h
20h
CAPCOM timer 1
T1IR
T1IE
T1INT
00’0084h
21h
CAPCOM timer 7
T7IR
T7IE
T7INT
00’00F4h
3Dh
CAPCOM timer 8
T8IR
T8IE
T8INT
00’00F8h
3Eh
GPT1 timer 2
T2IR
T2IE
T2INT
00’0088h
22h
GPT1 timer 3
T3IR
T3IE
T3INT
00’008Ch
23h
GPT1 timer 4
T4IR
T4IE
T4INT
00’0090h
24h
GPT2 timer 5
T5IR
T5IE
T5INT
00’0094h
25h
Table 29.
Interrupt sources (continued)
Source of Interrupt or
PEC Service Request
Request
Flag
Enable
Flag
Interrupt
Vector
Vector
Location
Trap
Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com