Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F273 Datasheet(PDF) 34 Page - STMicroelectronics

Part # ST10F273
Description  16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F273 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button ST10F273 Datasheet HTML 30Page - STMicroelectronics ST10F273 Datasheet HTML 31Page - STMicroelectronics ST10F273 Datasheet HTML 32Page - STMicroelectronics ST10F273 Datasheet HTML 33Page - STMicroelectronics ST10F273 Datasheet HTML 34Page - STMicroelectronics ST10F273 Datasheet HTML 35Page - STMicroelectronics ST10F273 Datasheet HTML 36Page - STMicroelectronics ST10F273 Datasheet HTML 37Page - STMicroelectronics ST10F273 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 179 page
background image
Internal Flash memory
ST10F273
34/179
5.4.7
Flash data register 1 low
FDR1L (0x0E 000C)
FCR
Reset value: FFFFh
5.4.8
Flash data register 1 high
FDR1H (0x0E 000E)
FCR
Reset value: FFFFh
5.4.9
Flash address register low
FARL (0x0E 0010)
FCR
Reset value: 0000h
15
14
13
12
11
10
9876543210
DIN15 DIN14 DIN13 DIN12 DIN11 DIN10 DIN9 DIN8 DIN7 DIN6 DIN5 DIN4 DIN3 DIN2 DIN1 DIN0
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Table 14.
Flash data register 1 low
Bit
Function
DIN(15:0)
Data input 15:0
These bits must be written with the Data to program the Flash with the following operations: Word
Program (32-bit), Double Word Program (64-bit) and Set Protection.
15
14
13
12
11
10
9876
543210
DIN31 DIN30 DIN29 DIN28 DIN27 DIN26 DIN25 DIN24 DIN23 DIN22 DIN21 DIN20 DIN19 DIN18 DIN17 DIN16
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Table 15.
Flash data register 1 high
Bit
Function
DIN(31:16)
Data input 31:16
These bits must be written with the Data to program the Flash with the following operations: Word
Program (32-bit), Double Word Program (64-bit) and Set Protection.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
ADD15 ADD14 ADD13 ADD12 ADD11 ADD10 ADD9 ADD8 ADD7 ADD6 ADD5 ADD4 ADD3 ADD2
reserved
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Table 16.
Flash address register low
Bit
Function
ADD(15:2)
Address 15:2
These bits must be written with the Address of the Flash location to program in the following
operations: Word Program (32-bit) and Double Word Program (64-bit). In Double Word Program bit
ADD2 must be written to ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com