Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F273 Datasheet(PDF) 25 Page - STMicroelectronics

Part # ST10F273
Description  16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F273 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button ST10F273 Datasheet HTML 21Page - STMicroelectronics ST10F273 Datasheet HTML 22Page - STMicroelectronics ST10F273 Datasheet HTML 23Page - STMicroelectronics ST10F273 Datasheet HTML 24Page - STMicroelectronics ST10F273 Datasheet HTML 25Page - STMicroelectronics ST10F273 Datasheet HTML 26Page - STMicroelectronics ST10F273 Datasheet HTML 27Page - STMicroelectronics ST10F273 Datasheet HTML 28Page - STMicroelectronics ST10F273 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 179 page
background image
ST10F273
Internal Flash memory
25/179
5
Internal Flash memory
5.1
Overview
The on-chip Flash is composed by one matrix module divided in two banks that can be read
and modified indipendently one of the other: one bank can be read while another bank is
under modification. Bank 0 is 384 Kbytes wide, Bank 1 is 128 Kbytes wide.
This module is on ST10 Internal bus, so it is called IFlash.
Figure 4.
Flash structure
The programming operations of the flash are managed by an embedded Flash
Program/Erase Controller (FPEC). The High Voltages needed for Program/Erase operations
are internally generated.
The Data bus is 32-bit wide for fetch accesses to IFlash, while it is 16-bit wide for read
accesses to IFlash. Read/write accesses to IFlash Control Registers area are 16-bit wide.
5.2
Functional description
5.2.1
Structure
Following table shows the Address space reserved to the Flash module.
Bank 1: 128 Kbyte
Bank 0: 384 Kbyte
program memory
HV and Ref.
generator
Program/erase
controller
I-BUS interface
+
8 Kbyte test-Flash
X-BUS interface
IFlash (Module I)
Control Section
program memory
Flash control
registers
Table 3.
Address space of the Flash module
Description
Addresses
Size
IFlash sectors
0x00 0000 to 0x08 FFFF
512 Kbytes
Registers and Flash internal reserved area
0x0E 0000 to 0x0E FFFF
64 Kbytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com