Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F273 Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST10F273
Description  16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F273 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST10F273 Datasheet HTML 11Page - STMicroelectronics ST10F273 Datasheet HTML 12Page - STMicroelectronics ST10F273 Datasheet HTML 13Page - STMicroelectronics ST10F273 Datasheet HTML 14Page - STMicroelectronics ST10F273 Datasheet HTML 15Page - STMicroelectronics ST10F273 Datasheet HTML 16Page - STMicroelectronics ST10F273 Datasheet HTML 17Page - STMicroelectronics ST10F273 Datasheet HTML 18Page - STMicroelectronics ST10F273 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 179 page
background image
ST10F273
Pin data
15/179
Table 1.
Pin description
Symbol
Pin
Type
Function
P6.0 - P6.7
1 - 8
I/O
8-bit bidirectional I/O port, bit-wise programmable for input or output via direction
bit. Programming an I/O pin as input forces the corresponding output driver to
high impedance state. Port 6 outputs can be configured as push-pull or open
drain drivers. The input threshold of Port 6 is selectable (TTL or CMOS). The
following Port 6 pins have alternate functions:
1O
P6.0
CS0
Chip select 0 output
...
...
...
...
...
5O
P6.4
CS4
Chip select 4 output
6
IP6.5
HOLD
External master hold request input
I/O
SCLK1
SSC1: master clock output / slave clock input
7
O
P6.6
HLDA
Hold acknowledge output
I/O
MTSR1
SSC1: master-transmitter / slave-receiver O/I
8
OP6.7
BREQ
Bus request output
I/O
MRST1
SSC1: master-receiver / slave-transmitter I/O
P8.0 - P8.7
9-16
I/O
8-bit bidirectional I/O port, bit-wise programmable for input or output via direction
bit. Programming an I/O pin as input forces the corresponding output driver to
high impedance state. Port 8 outputs can be configured as push-pull or open
drain drivers. The input threshold of Port 8 is selectable (TTL or CMOS).
The following Port 8 pins have alternate functions:
9
I/O
P8.0
CC16IO
CAPCOM2: CC16 capture input / compare output
O
XPWM0
PWM1: channel 0 output
...
...
...
...
...
12
I/O
P8.3
CC19IO
CAPCOM2: CC19 capture input / compare output
O
XPWM0
PWM1: channel 3 output
13
I/O
P8.4
CC20IO
CAPCOM2: CC20 capture input / compare output
14
I/O
P8.5
CC21IO
CAPCOM2: CC21 capture input / compare output
15
I/O
P8.6
CC22IO
CAPCOM2: CC22 capture input / compare output
I/O
RxD1
ASC1: Data input (Asynchronous) or I/O (Synchronous)
16
I/O
P8.7
CC23IO
CAPCOM2: CC23 capture input / compare output
O
TxD1
ASC1: Clock / Data output (Asynchronous/Synchronous)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com