Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F273 Datasheet(PDF) 22 Page - STMicroelectronics

Part # ST10F273
Description  16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F273 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ST10F273 Datasheet HTML 18Page - STMicroelectronics ST10F273 Datasheet HTML 19Page - STMicroelectronics ST10F273 Datasheet HTML 20Page - STMicroelectronics ST10F273 Datasheet HTML 21Page - STMicroelectronics ST10F273 Datasheet HTML 22Page - STMicroelectronics ST10F273 Datasheet HTML 23Page - STMicroelectronics ST10F273 Datasheet HTML 24Page - STMicroelectronics ST10F273 Datasheet HTML 25Page - STMicroelectronics ST10F273 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 179 page
background image
Memory organization
ST10F273
22/179
4
Memory organization
The memory space of the ST10F273 is configured in a unified memory architecture. Code
memory, data memory, registers and I/O ports are organized within the same linear address
space of 16 Mbytes. The entire memory space can be accessed Byte wise or Word wise.
Particular portions of the on-chip memory have additionally been made directly bit
addressable.
IFlash: 512 Kbytes of on-chip Flash memory. It is divided in 10 blocks (B0F0...B0F9) of the
Bank 0 and two blocks of Bank 1 (B1F0, B1F1): read-while-write operations inside the same
Bank are not allowed. When Bootstrap mode is selected, the Test-Flash Block B0TF
(8 Kbyte) appears at address 00’0000h: refer to Chapter 5: Internal Flash memory on
page 25 for more details on memory mapping in boot mode. The summary of address range
for IFlash is the following:
IRAM: 2 Kbytes of on-chip internal RAM (dual-port) is provided as a storage for data,
system stack, general purpose register banks and code. A register bank is 16 Wordwide (R0
to R15) and / or Bytewide (RL0, RH0, …, RL7, RH7) general purpose registers group.
XRAM: 32 K + 2 Kbytes of on-chip extension RAM (single port XRAM) is provided as a
storage for data, user stack and code.
The XRAM is divided into two areas, the first 2 Kbytes named XRAM1 and the second
32 Kbytes named XRAM2, connected to the internal XBUS and are accessed like an
external memory in 16-bit demultiplexed bus-mode without wait state or read/write delay
(31.25ns access at 64 MHz CPU clock). Byte and Word accesses are allowed.
The XRAM1 address range is 00’E000h - 00’E7FFh if XPEN (bit 2 of SYSCON register),
and XRAM1EN (bit 2 of XPERCON register) are set. If XRAM1EN or XPEN is cleared, then
any access in the address range 00’E000h - 00’E7FFh will be directed to external memory
Table 2.
Summary of IFlash address range
Blocks
User mode
Size
B0TF
Not visible
8 K
B0F0
00’0000h - 00’1FFFh
8 K
B0F1
00’2000h - 00’3FFFh
8 K
B0F2
00’4000h - 00’5FFFh
8 K
B0F3
00’6000h - 00’7FFFh
8 K
B0F4
01’8000h - 01’FFFFh
32K
B0F5
02’0000h - 02’FFFFh
64K
B0F6
03’0000h - 03’FFFFh
64K
B0F7
04’0000h - 04’FFFFh
64K
B0F8
05’0000h - 05’FFFFh
64K
B0F9
06’0000h - 06’FFFFh
64K
B1F0
07’0000h - 07’FFFFh
64K
B1F1
08’0000h - 08’FFFFh
64K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com