Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F273 Datasheet(PDF) 88 Page - STMicroelectronics

Part # ST10F273
Description  16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F273 Datasheet(HTML) 88 Page - STMicroelectronics

Back Button ST10F273 Datasheet HTML 84Page - STMicroelectronics ST10F273 Datasheet HTML 85Page - STMicroelectronics ST10F273 Datasheet HTML 86Page - STMicroelectronics ST10F273 Datasheet HTML 87Page - STMicroelectronics ST10F273 Datasheet HTML 88Page - STMicroelectronics ST10F273 Datasheet HTML 89Page - STMicroelectronics ST10F273 Datasheet HTML 90Page - STMicroelectronics ST10F273 Datasheet HTML 91Page - STMicroelectronics ST10F273 Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 179 page
background image
System reset
ST10F273
88/179
Figure 19.
Synchronous short / long hardware RESET (EA = 1)
1) RSTIN assertion can be released there. Refer also to Section 21.1 for details on minimum pulse duration.
2) If during the reset condition (RSTIN low) RPD voltage drops below the threshold voltage (about 2.5V for 5V
operation), the asynchronous reset is immediately entered.
3) RSTIN pin is pulled low if bit BDRSTEN (bit 3 of SYSCON register) was previously set by software.
4) Bit BDRSTEN is cleared after reset.
5) Minimum RSTIN low pulse duration shall also be longer than 500ns to guarantee the pulse is not masked by
the internal filter (refer to Section 21.1).
P0[15:13]
not transparent
RSTF
P0[12:2]
transparent
not t.
P0[1:0]
not t.
not transparent
FLARST
RST
≤ 1 ms
1024 TCL
≤ 2 TCL
VRPD > 2.5V Asynchronous Reset not entered
200
µA Discharge
RPD
RSTOUT
At this time RSTF is sampled HIGH or LOW
so it is SHORT or LONG reset
(After Filter)
RSTIN
< 1032 TCL
≤4 TCL
3)
≤12 TCL
1)
≤ 500 ns
≥ 50 ns
≤ 500 ns
≥ 50 ns
≤ 500 ns
≥ 50 ns
IBUS-CS
7 TCL
(Internal)
8 TCL
not t.
2)
4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com