Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F273 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST10F273
Description  16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F273 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST10F273 Datasheet HTML 7Page - STMicroelectronics ST10F273 Datasheet HTML 8Page - STMicroelectronics ST10F273 Datasheet HTML 9Page - STMicroelectronics ST10F273 Datasheet HTML 10Page - STMicroelectronics ST10F273 Datasheet HTML 11Page - STMicroelectronics ST10F273 Datasheet HTML 12Page - STMicroelectronics ST10F273 Datasheet HTML 13Page - STMicroelectronics ST10F273 Datasheet HTML 14Page - STMicroelectronics ST10F273 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 179 page
background image
ST10F273
Introduction
11/179
1
Introduction
The ST10F273 device is a derivative of the STMicroelectronics ST10 family of 16-bit single-
chip CMOS microcontrollers.
The ST10F273 combines high CPU performance (up to 32 million instructions per second)
with high peripheral functionality and enhanced I/O-capabilities. It also provides on-chip
high-speed single voltage Flash memory, on-chip high-speed RAM, and clock generation
via PLL.
ST10F273 is processed in 0.18mm CMOS technology. The MCU core and the logic is
supplied with a 5 V to 1.8 V on-chip voltage regulator. The part is supplied with a single 5 V
supply and I/Os work at 5 V.
The device is upward compatible with the ST10F269 device, with the following set of
differences:
Flash control interface is now based on STMicroelectronics third generation of stand-alone
Flash memories (M29F400 series), with an embedded Program/Erase Controller. This
completely frees up the CPU during programming or erasing the Flash.
Only one supply pin (ex DC1 in ST10F269, renamed into V18) on the QFP144 package is
used for decoupling the internally generated 1.8V core logic supply. Do not connect this pin
to 5.0 V external supply. Instead, this pin should be connected to a decoupling capacitor
(ceramic type, typical value 10nF, maximum value 100nF).
The AC and DC parameters are modified due to a difference in the maximum CPU
frequency.
A new VDD pin replaces DC2 of ST10F269.
EA pin assumes a new alternate functionality: it is also used to provide a dedicated power
supply (see VSTBY) to maintain biased a portion of the XRAM (16 Kbytes) when the main
Power Supply of the device (VDD and consequently the internally generated V18) is turned
off for low power mode, allowing data retention. VSTBY voltage shall be in the range 4.5 to
5.5 volts and a dedicated embedded low power voltage regulator is in charge to provide the
1.8 V for the RAM, the low-voltage section of the 32 kHz oscillator and the Real Time Clock
module when not disabled. It is allowed to exceed the upper limit up to 6 V for a very short
period of time during the global life of the device and exceed the lower limit down to 4 V
when RTC and 32 kHz on-chip oscillator are not used.
A second SSC mapped on the XBUS is added (SSC of ST10F269 becomes here SSC0,
while the new one is referred as XSSC or simply SSC1). Note that some restrictions and
functional differences due to the XBUS peculiarities are present between the classic SSC
and the new XSSC.
A second ASC mapped on the XBUS is added (ASC0 of ST10F269 remains ASC0, while
the new one is referred as XASC or simply as ASC1). Note that some restrictions and
functional differences due to the XBUS peculiarities are present between the classic ASC
and the new XASC.
A second PWM mapped on the XBUS is added (PWM of ST10F269 becomes here PWM0,
while the new one is referred as XPWM or simply as PWM1). Note that some restrictions
and functional differences due to the XBUS peculiarities are present between the classic
PWM and the new XPWM.
An I2C interface on the XBUS is added (see X-I2C or simply I2C interface).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com