Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F273 Datasheet(PDF) 26 Page - STMicroelectronics

Part # ST10F273
Description  16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F273 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button ST10F273 Datasheet HTML 22Page - STMicroelectronics ST10F273 Datasheet HTML 23Page - STMicroelectronics ST10F273 Datasheet HTML 24Page - STMicroelectronics ST10F273 Datasheet HTML 25Page - STMicroelectronics ST10F273 Datasheet HTML 26Page - STMicroelectronics ST10F273 Datasheet HTML 27Page - STMicroelectronics ST10F273 Datasheet HTML 28Page - STMicroelectronics ST10F273 Datasheet HTML 29Page - STMicroelectronics ST10F273 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 179 page
background image
Internal Flash memory
ST10F273
26/179
5.2.2
Modules structure
The IFlash module is composed by 2 banks: (Bank 0) contains 384 Kbytes of Program
Memory divided in 10 sectors (B0F0...B0F7), Bank 0 contains also a reserved sector named
Test-Flash. Bank 1 contains 128 Kbytes of Program Memory or Parameter divided in two
sectors (B1F0, B1F1, 64 Kbytes each). Addresses from 0x0E 0000 to 0x0E FFFF are
reserved for the Control Register Interface and other internal service memory space used
by the Flash Program/Erase controller.
The following tables show the memory mapping of the Flash when it is accessed in read
mode (Table 4: Flash modules sectorization (read operations)) and when accessed in write
or erase mode (Table 5: Flash modules sectorization): Note that with this second mapping,
the first four banks are remapped into code segment 1 (same as obtained setting bit
ROMS1 in SYSCON register).
Table 4.
Flash modules sectorization (read operations)
Bank
Description
Addresses
Size
ST10 Bus size
B0
Bank 0 Flash 0 (B0F0)
0x0000 0000 - 0x0000 1FFF
8 KB
32-bit (I-BUS)
Bank 0 Flash 1 (B0F1)
0x0000 2000 - 0x0000 3FFF
8 KB
Bank 0 Flash 2 (B0F2)
0x0000 4000 - 0x0000 5FFF
8 KB
Bank 0 Flash 3 (B0F3)
0x0000 6000 - 0x0000 7FFF
8 KB
Bank 0 Flash 4 (B0F4)
0x0001 8000 - 0x0001 FFFF
32 KB
Bank 0 Flash 5 (B0F5)
0x0002 0000 - 0x0002 FFFF
64 KB
Bank 0 Flash 6 (B0F6)
0x0003 0000 - 0x0003 FFFF
64 KB
Bank 0 Flash 7 (B0F7)
0x0003 0000 - 0x0003 FFFF
64 KB
Bank 0 Flash 8 (B0F8)
0x0004 0000 - 0x0004 FFFF
64 KB
Bank 0 Flash 9 (B0F9)
0x0005 0000 - 0x0005 FFFF
64 KB
B1
Bank 1 Flash 0 (B1F0)
0x0006 0000 - 0x0006 FFFF
64 KB
Bank 1 Flash 1 (B1F1)
0x0007 0000 - 0x0007 FFFF
64 KB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com