Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F273 Datasheet(PDF) 81 Page - STMicroelectronics

Part # ST10F273
Description  16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F273 Datasheet(HTML) 81 Page - STMicroelectronics

Back Button ST10F273 Datasheet HTML 77Page - STMicroelectronics ST10F273 Datasheet HTML 78Page - STMicroelectronics ST10F273 Datasheet HTML 79Page - STMicroelectronics ST10F273 Datasheet HTML 80Page - STMicroelectronics ST10F273 Datasheet HTML 81Page - STMicroelectronics ST10F273 Datasheet HTML 82Page - STMicroelectronics ST10F273 Datasheet HTML 83Page - STMicroelectronics ST10F273 Datasheet HTML 84Page - STMicroelectronics ST10F273 Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 179 page
background image
ST10F273
System reset
81/179
sufficient: anyway, a maximum of 100nF on V18 pin should
not generate problems of over-current (higher value is
allowed if current is limited by the external hardware).
External current limitation is anyway recommended also to
avoid risks of damage in case of temporary short between
V18 and ground: the internal 1.8V drivers are sized to drive
currents of several tens of Ampere, so the current shall be
limited by the external hardware. The limit of current is
imposed by power dissipation considerations (Refer to
Electrical Characteristics Section).
In next Figures 15 and 16 Asynchronous Power-on timing diagrams are reported,
respectively with boot from internal or external memory, highlighting the reset phase
extension introduced by the embedded FLASH module when selected.
Note:
Never power the device without keeping RSTIN pin grounded: the device could enter in
unpredictable states, risking also permanent damages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com