Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F273 Datasheet(PDF) 105 Page - STMicroelectronics

Part # ST10F273
Description  16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F273 Datasheet(HTML) 105 Page - STMicroelectronics

Back Button ST10F273 Datasheet HTML 101Page - STMicroelectronics ST10F273 Datasheet HTML 102Page - STMicroelectronics ST10F273 Datasheet HTML 103Page - STMicroelectronics ST10F273 Datasheet HTML 104Page - STMicroelectronics ST10F273 Datasheet HTML 105Page - STMicroelectronics ST10F273 Datasheet HTML 106Page - STMicroelectronics ST10F273 Datasheet HTML 107Page - STMicroelectronics ST10F273 Datasheet HTML 108Page - STMicroelectronics ST10F273 Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 179 page
background image
ST10F273
Power reduction modes
105/179
21
Power reduction modes
Three different power reduction modes with different levels of power reduction have been
implemented in the ST10F273. In Idle mode only CPU is stopped, while peripheral still
operate. In Power down mode both CPU and peripherals are stopped. In Stand-by mode the
main power supply (VDD) can be turned off while a portion of the internal RAM remains
powered via VSTBY dedicated power pin.
Idle and Power down modes are software activated by a protected instruction and are
terminated in different ways as described in the following sections.
Stand-by mode is entered simply removing VDD, holding the MCU under reset state.
Note:
All external bus actions are completed before Idle or Power down mode is entered. However,
Idle or Power down mode is not entered if READY is enabled, but has not been activated
(driven low for negative polarity, or driven high for positive polarity) during the last bus
access.
21.1
Idle mode
Idle mode is entered by running IDLE protected instruction. The CPU operation is stopped
and the peripherals still run.
Idle mode is terminate by any interrupt request. Whatever the interrupt is serviced or not,
the instruction following the IDLE instruction will be executed after return from interrupt
(RETI) instruction, then the CPU resumes the normal program.
21.2
Power down mode
Power down mode starts by running PWRDN protected instruction. Internal clock is
stopped, all MCU parts are on hold including the watchdog timer. The only exception could
be the Real Time Clock if opportunely programmed and one of the two oscillator circuits as
a consequence (either the main or the 32 kHz on-chip oscillator).
When Real Time Clock module is used, when the device is in Power down mode a reference
clock is needed. In this case, two possible configurations may be selected by the user
application according to the desired level of power reduction:
●
A 32 kHz crystal is connected to the on-chip low-power oscillator (pins XTAL3 / XTAL4)
and running. In this case the main oscillator is stopped when Power down mode is
entered, while the Real Time Clock continue counting using 32 kHz clock signal as
reference. The presence of a running low-power oscillator is detected after the Power-
on: this clock is immediately assumed (if present, or as soon as it is detected) as
reference for the Real Time Clock counter and it will be maintained forever (unless
specifically disabled via software).
●
Only the main oscillator is running (XTAL1 / XTAL2 pins). In this case the main
oscillator is not stopped when Power down is entered, and the Real Time Clock
continue counting using the main oscillator clock signal as reference.
There are two different operating Power down modes: protected mode and interruptible
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com