Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F273 Datasheet(PDF) 111 Page - STMicroelectronics

Part # ST10F273
Description  16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F273 Datasheet(HTML) 111 Page - STMicroelectronics

Back Button ST10F273 Datasheet HTML 107Page - STMicroelectronics ST10F273 Datasheet HTML 108Page - STMicroelectronics ST10F273 Datasheet HTML 109Page - STMicroelectronics ST10F273 Datasheet HTML 110Page - STMicroelectronics ST10F273 Datasheet HTML 111Page - STMicroelectronics ST10F273 Datasheet HTML 112Page - STMicroelectronics ST10F273 Datasheet HTML 113Page - STMicroelectronics ST10F273 Datasheet HTML 114Page - STMicroelectronics ST10F273 Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 179 page
background image
ST10F273
Register set
111/179
23
Register set
This section summarizes all registers implemented in the ST10F273, ordered by name.
23.1
Special function registers
The following table lists all SFRs which are implemented in the ST10F273 in alphabetical
order.
Bit-addressable SFRs are marked with the letter “b” in column “Name”.
SFRs within the Extended SFR-Space (ESFRs) are marked with the letter “E” in column
“Physical Address”.
Table 53.
List of special function registers
Name
Physical
address
8-bit
address
Description
Reset
value
ADCIC
b
FF98h
CCh
A/D converter end of conversion interrupt control
register
- - 00h
ADCON
b
FFA0h
D0h
A/D converter control register
0000h
ADDAT
FEA0h
50h
A/D converter result register
0000h
ADDAT2
F0A0h
E
50h
A/D converter 2 result register
0000h
ADDRSEL1
FE18h
0Ch
Address select register 1
0000h
ADDRSEL2
FE1Ah
0Dh
Address select register 2
0000h
ADDRSEL3
FE1Ch
0Eh
Address select register 3
0000h
ADDRSEL4
FE1Eh
0Fh
Address select register 4
0000h
ADEIC
b
FF9Ah
CDh
A/D converter overrun error interrupt control register
- - 00h
BUSCON0 b
FF0Ch
86h
Bus configuration register 0
0xx0h
BUSCON1 b
FF14h
8Ah
Bus configuration register 1
0000h
BUSCON2 b
FF16h
8Bh
Bus configuration register 2
0000h
BUSCON3 b
FF18h
8Ch
Bus configuration register 3
0000h
BUSCON4 b
FF1Ah
8Dh
Bus configuration register 4
0000h
CAPREL
FE4Ah
25h
GPT2 capture/reload register
0000h
CC0
FE80h
40h
CAPCOM register 0
0000h
CC0IC
b
FF78h
BCh
CAPCOM register 0 interrupt control register
- - 00h
CC1
FE82h
41h
CAPCOM register 1
0000h
CC1IC
b
FF7Ah
BDh
CAPCOM register 1 interrupt control register
- - 00h
CC2
FE84h
42h
CAPCOM register 2
0000h
CC2IC
b
FF7Ch
BEh
CAPCOM register 2 interrupt control register
- - 00h
CC3
FE86h
43h
CAPCOM register 3
0000h
CC3IC
b
FF7Eh
BFh
CAPCOM register 3 interrupt control register
- - 00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com