Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F273 Datasheet(PDF) 125 Page - STMicroelectronics

Part # ST10F273
Description  16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F273 Datasheet(HTML) 125 Page - STMicroelectronics

Back Button ST10F273 Datasheet HTML 121Page - STMicroelectronics ST10F273 Datasheet HTML 122Page - STMicroelectronics ST10F273 Datasheet HTML 123Page - STMicroelectronics ST10F273 Datasheet HTML 124Page - STMicroelectronics ST10F273 Datasheet HTML 125Page - STMicroelectronics ST10F273 Datasheet HTML 126Page - STMicroelectronics ST10F273 Datasheet HTML 127Page - STMicroelectronics ST10F273 Datasheet HTML 128Page - STMicroelectronics ST10F273 Datasheet HTML 129Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 179 page
background image
ST10F273
Register set
125/179
IDPROG (F078h / 3Ch)
ESFR
Reset Value: 0040h
Note:
All identification words are read only registers.
The values written inside different Identification Register bits are valid only after the Flash
initialization phase is completed. When code execution is started from internal memory (pin
EA held high during reset), the Flash has certainly completed its initialization, so the bits of
Identification Registers are immediately ready to be read out. On the contrary, when code
execution is started from external memory (pin EA held low during reset), the Flash
initialization is not yet completed, so the bits of Identification Registers are not ready. The
user can poll bits 15 and 14 of IDMEM register: when both bits are read low, the Flash
initialization is complete, so all Identification Register bits are correct.
Before Flash initialization completion, the default setting of the different Identification
Registers are the following:
●
IDMANUF
0403h
●
IDCHIP
114xh (x = silicon revision)
●
IDMEM
F0D0h
●
IDPROG
0040h
15
14
13
12
11
10
987
65432
10
PROGVPP
PROGVDD
RR
Table 59.
IDPROG
Bit
Function
PROGVDD
Programming VDD voltage
VDD voltage when programming EPROM or FLASH devices is calculated using the
following formula: VDD = 20 x [PROGVDD] / 256 (volts) - 40h for ST10F273 (5V).
PROGVPP
Programming VPP voltage (no need of external VPP) - 00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com