Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F273 Datasheet(PDF) 147 Page - STMicroelectronics

Part # ST10F273
Description  16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F273 Datasheet(HTML) 147 Page - STMicroelectronics

Back Button ST10F273 Datasheet HTML 143Page - STMicroelectronics ST10F273 Datasheet HTML 144Page - STMicroelectronics ST10F273 Datasheet HTML 145Page - STMicroelectronics ST10F273 Datasheet HTML 146Page - STMicroelectronics ST10F273 Datasheet HTML 147Page - STMicroelectronics ST10F273 Datasheet HTML 148Page - STMicroelectronics ST10F273 Datasheet HTML 149Page - STMicroelectronics ST10F273 Datasheet HTML 150Page - STMicroelectronics ST10F273 Datasheet HTML 151Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 179 page
background image
ST10F273
Electrical characteristics
147/179
24.8.5
Direct drive
When pins P0.15-13 (P0H.7-5) equal ’011’ during reset the on-chip phase locked loop is
disabled, the on-chip oscillator amplifier is bypassed and the CPU clock is directly driven by
the input clock signal on XTAL1 pin.
The frequency of CPU clock (fCPU) directly follows the frequency of fXTAL so the high and
low time of fCPU (i.e. the duration of an individual TCL) is defined by the duty cycle of the
input clock fXTAL.
Therefore, the timings given in this chapter refer to the minimum TCL. This minimum value
can be calculated by the following formula:
For two consecutive TCLs, the deviation caused by the duty cycle of fXTAL is compensated,
so the duration of 2TCL is always 1/fXTAL.
The minimum value TCLmin has to be used only once for timings that require an odd number
of TCLs (1,3,...). Timings that require an even number of TCLs (2,4,...) may use the formula:
The address float timings in Multiplexed bus mode (t11 and t45) use the maximum duration of
TCL (TCLmax = 1/fXTAL x DCmax) instead of TCLMin.
Similarly to what happen for Prescaler Operation, if the bit OWDDIS in SYSCON register is
cleared, the PLL runs on its free-running frequency and delivers the clock signal for the
Oscillator Watchdog. If bit OWDDIS is set, then the PLL is switched off.
24.8.6
Oscillator watchdog (OWD)
An on-chip watchdog oscillator is implemented in the ST10F273. This feature is used for
safety operation with external crystal oscillator (available only when using direct drive mode
with or without prescaler, so the PLL is not used to generate the CPU clock multiplying the
frequency of the external crystal oscillator). This watchdog oscillator operates as following.
The reset default configuration enables the watchdog oscillator. It can be disabled by setting
the OWDDIS (bit 4) of SYSCON register.
When the OWD is enabled, the PLL runs at its free-running frequency, and it increments the
watchdog counter. On each transition of external clock, the watchdog counter is cleared. If
an external clock failure occurs, then the watchdog counter overflows (after 16 PLL clock
cycles).
The CPU clock signal will be switched to the PLL free-running clock signal, and the oscillator
watchdog Interrupt Request is flagged. The CPU clock will not switch back to the external
clock even if a valid external clock exits on XTAL1 pin. Only a hardware reset (or
bidirectional Software / Watchdog reset) can switch the CPU clock source back to direct
clock input.
When the OWD is disabled, the CPU clock is always the external oscillator clock (in Direct
Drive or Prescaler Operation) and the PLL is switched off to decrease consumption supply
current.
TCL
min
1f
⁄
XTALl
xlDC
min
=
DC
duty cycle
=
2TCL
1 f
XTAL
⁄
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com