Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F273 Datasheet(PDF) 152 Page - STMicroelectronics

Part # ST10F273
Description  16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F273 Datasheet(HTML) 152 Page - STMicroelectronics

Back Button ST10F273 Datasheet HTML 148Page - STMicroelectronics ST10F273 Datasheet HTML 149Page - STMicroelectronics ST10F273 Datasheet HTML 150Page - STMicroelectronics ST10F273 Datasheet HTML 151Page - STMicroelectronics ST10F273 Datasheet HTML 152Page - STMicroelectronics ST10F273 Datasheet HTML 153Page - STMicroelectronics ST10F273 Datasheet HTML 154Page - STMicroelectronics ST10F273 Datasheet HTML 155Page - STMicroelectronics ST10F273 Datasheet HTML 156Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 179 page
background image
Electrical characteristics
ST10F273
152/179
24.8.11
Main oscillator specifications
VDD = 5V ± 10%, VSS = 0V, TA = –40°C to +125°C
Figure 45.
Crystal oscillator and resonator connection diagram
TJIT
Single period jitter (1)
(cycle to cycle = 2 TCL)
6 sigma time period variation
(peak to peak)
–500
+500
ps
Ffree
PLL free running frequency
Multiplication factors: 3, 4
Multiplication factors: 5, 8, 10, 16
250
500
2000
4000
kHz
1.
Not 100% tested, guaranteed by design characterization.
Table 71.
PLL characteristics [VDD = 5V ± 10%, VSS = 0V, TA = –40°C to +125°C]
Symbol
Parameter
Conditions
Value
Unit
Min.
Max.
Table 72.
Main oscillator characteristics
Sym
bol
Parameter
Conditions
Value
Unit
Min.
Typ.
Max.
gm
Oscillator
transconductance
817
35
mA/V
VOSC Oscillation amplitude
(1)
1.
Not 100% tested, guaranteed by design characterization.
Peak to peak
–
VDD – 0.4
–
V
VAV
Oscillation voltage level(1) Sine wave middle
VDD / 2 – 0.25
–
tSTUP Oscillator start-up time
(1)
Stable VDD - crystal
3
4
ms
Stable VDD -resonator
2
3
Table 73.
Main oscillator negative resistance (module)
CA =
12pF
15pF
18pF
22pF
27pF
33pF
39pF
47pF
4 MHz
460
Ω
550
Ω
675
Ω
800
Ω
840
Ω
1000
Ω
1180
Ω
1200
Ω
8 MHz
380
Ω
460
Ω
540
Ω
640
Ω
580
Ω
--
-
12 MHz
370
Ω
420
Ω
360
Ω
--
--
-
CA
CA
crystal
Resonator
ST10F273
ST10F273



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com