Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F273 Datasheet(PDF) 163 Page - STMicroelectronics

Part # ST10F273
Description  16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F273 Datasheet(HTML) 163 Page - STMicroelectronics

Back Button ST10F273 Datasheet HTML 159Page - STMicroelectronics ST10F273 Datasheet HTML 160Page - STMicroelectronics ST10F273 Datasheet HTML 161Page - STMicroelectronics ST10F273 Datasheet HTML 162Page - STMicroelectronics ST10F273 Datasheet HTML 163Page - STMicroelectronics ST10F273 Datasheet HTML 164Page - STMicroelectronics ST10F273 Datasheet HTML 165Page - STMicroelectronics ST10F273 Datasheet HTML 166Page - STMicroelectronics ST10F273 Datasheet HTML 167Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 179 page
background image
ST10F273
Electrical characteristics
163/179
t39
SR
Latched CS low to Valid
Data in
–
16.5 + tC + 2tA
–
3TCL – 21 + tC + 2tA
ns
t41
CC
Latched CS hold after RD,
WR
2 + tF
–
TCL – 10.5 + tF
–ns
t82
CC
Address setup to RdCS,
WrCS (with RW-delay)
14 + 2tA
–
2TCL – 11 + 2tA
–ns
t83
CC
Address setup to RdCS,
WrCS (no RW-delay)
2 + 2tA
–
TCL –10.5 + 2tA
–ns
t46
SR
RdCS to Valid Data in
(with RW-delay)
–4 + tC
–
2TCL – 21 + tC
ns
t47
SR
RdCS to Valid Data in
(no RW-delay)
–
16.5 + tC
–
3TCL – 21 + tC
ns
t48
CC
RdCS, WrCS Low Time
(with RW-delay)
15.5 + tC
–
2TCL – 9.5 + tC
–ns
t49
CC
RdCS, WrCS Low Time
(no RW-delay)
28 + tC
–
3TCL – 9.5 + tC
–ns
t50
CC
Data valid to WrCS
10 + tC
–
2TCL – 15 + tC
–ns
t51
SR
Data hold after RdCS
0–
0
–
ns
t53
SR
Data float after RdCS
(with RW-delay) 3
–
16.5 + tF
–
2TCL – 8.5 + tF
ns
t68
SR
Data float after RdCS
(no RW-delay) 3
–4 + tF
–
TCL – 8.5 + tF
ns
t55
CC
Address hold after
RdCS, WrCS
– 8.5 + tF
–
– 8.5 + tF
–ns
t57
CC
Data hold after WrCS
2 + tF
–
TCL – 10.5 + tF
–ns
1.
RW-delay and tA refer to the next following bus cycle
2.
Read data are latched with the same clock edge that triggers the address change and the rising RD edge. Therefore
address changes before the end of RD have no impact on read cycles.
Table 78.
Demultiplexed bus timings (continued)
Symbol
Parameter
FCPU = 40 MHz
TCL = 12.5 ns
Variable CPU Clock
1/2 TCL = 1 to 64 MHz
Min.
Max.
Min.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com