Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F273 Datasheet(PDF) 168 Page - STMicroelectronics

Part # ST10F273
Description  16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F273 Datasheet(HTML) 168 Page - STMicroelectronics

Back Button ST10F273 Datasheet HTML 164Page - STMicroelectronics ST10F273 Datasheet HTML 165Page - STMicroelectronics ST10F273 Datasheet HTML 166Page - STMicroelectronics ST10F273 Datasheet HTML 167Page - STMicroelectronics ST10F273 Datasheet HTML 168Page - STMicroelectronics ST10F273 Datasheet HTML 169Page - STMicroelectronics ST10F273 Datasheet HTML 170Page - STMicroelectronics ST10F273 Datasheet HTML 171Page - STMicroelectronics ST10F273 Datasheet HTML 172Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 179 page
background image
Electrical characteristics
ST10F273
168/179
24.8.18
CLKOUT and READY
VDD = 5V ± 10%, VSS = 0V, TA = -40°C to + 125°C, CL = 50pF
Table 79.
CLKOUT and READY timings
Symbol
Parameter
FCPU = 40 MHz
TCL = 12.5 ns
Variable CPU clock
1/2 TCL = 1 to 64 MHz
Min.
Max.
Min.
Max.
t29
CC CLKOUT cycle time
25
25
2TCL
2TCL
ns
t30
CC CLKOUT high time
9
–
TCL – 3.5
–
t31
CC CLKOUT low time
10
–
TCL – 2.5
–
t32
CC CLKOUT rise time
–
4
–
4
t33
CC CLKOUT fall time
–
4
–
4
t34
CC
CLKOUT rising edge to
ALE falling edge
– 2 + tA
8 + tA
– 2 + tA
8 + tA
t35
SR
Synchronous READY
setup time to CLKOUT
17
–
17
–
t36
SR
Synchronous READY
hold time after CLKOUT
2–
2
–
t37
SR
Asynchronous READY
low time
35
–
2TCL + 10
–
t58
SR
Asynchronous READY
setup time(1)
1.
These timings are given for characterization purposes only, in order to assure recognition at a specific
clock edge.
17
–
17
–
t59
SR
Asynchronous READY
hold time (1)
2–
2
–
t60
SR
Async. READY hold time
after RD, WR high
(Demultiplexed bus)(2)
2.
Demultiplexed bus is the worst case. For multiplexed bus 2TCL are to be added to the maximum values.
This adds even more time for deactivating READY. 2tA and tC refer to the next following bus cycle, tF refers
to the current bus cycle.
02tA + tC + tF
02tA + tC + tF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com