Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5387ACPZ-R71 Datasheet(PDF) 6 Page - Analog Devices

Part # ADL5387ACPZ-R71
Description  50 MHz to 2 GHz Quadrature Demodulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5387ACPZ-R71 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADL5387ACPZ-R71 Datasheet HTML 2Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 3Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 4Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 5Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 6Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 7Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 8Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 9Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
ADL5387
Rev. 0 | Page 6 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
24
CMRF CMRF RFIP
ADL5387
TOP VIEW
(Not to Scale)
RFIN CMRF VPX
CML
VPA
COM
BIAS
VPL
VPL
VPL
VPB
VPB
QHI
QLO
IHI
ILO
LOIP LOIN CML
CML COM
23
22
21
20
19
78
9
10
11
12
2
3
4
5
6
18
17
16
15
14
13
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 4 to 6,
17 to 19
VPA, VPL, VPB, VPX
Supply. Positive supply for LO, IF, biasing and baseband sections, respectively. These pins should
be decoupled to board ground using appropriate sized capacitors.
2, 7, 10 to 12,
20, 23, 24
COM, CML, CMRF
Ground. Connect to a low impedance ground plane.
3
BIAS
Bias Control. A resistor can be connected between BIAS and COM to reduce the mixer core current.
The default setting for this pin is open.
8, 9
LOIP, LOIN
Local Oscillator. External LO input is at 2xLO frequency. A single-ended LO at 0 dBm can be applied
through a 1000 pF capacitor to LOIP. LOIN should be ac-grounded, also using a 1000 pF. These inputs
can also be driven differentially through a balun (recommended balun is M/A-COM ETC1-1-13).
13 to 16
ILO, IHI, QLO, QHI
I-Channel and Q-Channel Mixer Baseband Outputs. These outputs have a 50 Ω differential output
impedance (25 Ω per pin). The bias level on these pins is equal to VPOS − 2.8 V. Each output pair can
swing 2 V p-p (differential) into a load of 200 Ω. Output 3 dB bandwidth is 240 MHz.
21, 22
RFIN, RFIP
RF Input. A single-ended 50 Ω signal can be applied to the RF inputs through a 1:1 balun (recommended
balun is M/A-COM ETC1-1-13). Ground-referenced inductors must also be connected to RFIP and
RFIN (recommended values = 120 nH).
EP
Exposed Paddle. Connect to a low impedance ground plane



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com