Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5387ACPZ-R71 Datasheet(PDF) 23 Page - Analog Devices

Part # ADL5387ACPZ-R71
Description  50 MHz to 2 GHz Quadrature Demodulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5387ACPZ-R71 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADL5387ACPZ-R71 Datasheet HTML 19Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 20Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 21Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 22Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 23Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 24Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 25Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 26Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
ADL5387
Rev. 0 | Page 23 of 28
EVALUATION BOARD
The ADL5387 evaluation board is available. The board can be
used for single-ended or differential baseband analysis. The default
configuration of the board is for single-ended baseband analysis.
RFC
C11
C8
R14
R16
R10
C12
R15
T2
T3
R9
R11
C9
C10
C2
C1
C3
C4
R1
R2
VPOS
VPOS
LO
C5
C7
C6
R17
VPOS
T1
T4
1
ADL5387
24
23
22
21
20
19
7
8
9
101112
2
3
4
5
6
VPA
COM
BIAS
VPL
VPL
VPL
18
17
16
15
14
13
VPB
Q OUTPUT OR QHI
QLO
I OUTPUT OR IHI
ILO
VPB
QHI
QLO
IHI
ILO
R8
R7
L2
L1
R6
R3
R4
R13
C13
R5
R12
Figure 63. Evaluation Board Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com