Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5387ACPZ-R71 Datasheet(PDF) 17 Page - Analog Devices

Part # ADL5387ACPZ-R71
Description  50 MHz to 2 GHz Quadrature Demodulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5387ACPZ-R71 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADL5387ACPZ-R71 Datasheet HTML 13Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 14Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 15Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 16Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 17Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 18Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 19Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 20Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
ADL5387
Rev. 0 | Page 17 of 28
ERROR VECTOR MAGNITUDE (EVM)
PERFORMANCE
EVM is a measure used to quantify the performance of a digital
radio transmitter or receiver. A signal received by a receiver
would have all constellation points at the ideal locations; however,
various imperfections in the implementation (such as carrier
leakage, phase noise, and quadrature error) cause the actual
constellation points to deviate from the ideal locations.
The ADL5387 shows excellent EVM performance for various
modulation schemes. Figure 51 shows typical EVM performance
over input power range for a point-to-point application with
16 QAM modulation schemes and zero-IF baseband. The
differential dc offsets on the ADL5387 are in the order of a
few mV. However, ac coupling the baseband outputs with 10 μF
capacitors helps to eliminate dc offsets and enhances EVM
performance. With a 10 MHz BW signal, 10 μF ac coupling
capacitors with the 500 Ω differential load results in a high-pass
corner frequency of ~64 Hz which absorbs an insignificant
amount of modulated signal energy from the baseband signal.
By using ac coupling capacitors at the baseband outputs, the dc
offset effects, which can limit dynamic range at low input power
levels, can be eliminated.
0
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
–70
10
0
–10
–20
–30
–40
–50
–60
INPUT POWER (dBm)
Figure 51. RF = 140 MHz, IF = 0 Hz, EVM vs. Input Power for a 16 QAM
10 Msym/s Signal (AC-Coupled Baseband Outputs)
Figure 52 shows the EVM performance of the ADL5387 when
ac-coupled, with an IEEE 802.16e WiMAX signal.
0
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
–50
20
10
0
–10
–20
–30
–40
INPUT POWER (dBm)
Figure 52. RF = 750MHz MHz, IF = 0 Hz, EVM vs. Input Power for a 16 QAM
10 MHz Bandwidth Mobile WiMAX Signal (AC-Coupled Baseband Outputs)
Figure 53 exhibits the zero IF EVM performance of a WCDMA
signal over a wide RF input power range.
0
–45
–40
–35
–30
–25
–20
–15
–10
–5
–70
–60
10
0
–10
–20
–30
–40
–50
INPUT POWER (dBm)
Figure 53. RF = 1950 MHz, IF = 0 Hz, EVM vs. Input Power for a WCDMA
(AC-Coupled Baseband Outputs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com