Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5387ACPZ-R71 Datasheet(PDF) 18 Page - Analog Devices

Part # ADL5387ACPZ-R71
Description  50 MHz to 2 GHz Quadrature Demodulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5387ACPZ-R71 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADL5387ACPZ-R71 Datasheet HTML 14Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 15Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 16Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 17Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 18Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 19Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 20Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 21Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
ADL5387
Rev. 0 | Page 18 of 28
0°
0°
SIN
ωLOt
COS
ωLOt
ωIF
ωIF
ωLSB
ωUSB
–
ωIF
0+
ωIF
0+
ωIF
0+
ωIF
–
ωIF
0+
ωIF
ωLO
–90°
+90°
Figure 54. Illustration of the Image Problem
LOW IF IMAGE REJECTION
The image rejection ratio is the ratio of the intermediate
frequency (IF) signal level produced by the desired input
frequency to that produced by the image frequency. The image
rejection ratio is expressed in decibels. Appropriate image
rejection is critical because the image power can be much
higher than that of the desired signal, thereby plaguing the
down conversion process. Figure 54 illustrates the image
problem. If the upper sideband (lower sideband) is the desired
band, a 90° shift to the Q channel (I channel) cancels the image
at the lower sideband (upper sideband).
Figure 55 shows the excellent image rejection capabilities of the
ADL5387 for low IF applications, such as CDMA2000. The
ADL5387 exhibits image rejection greater than 45 dB over the
broad frequency range for an IF = 1.23 MHz.
0
–70
–60
–50
–40
–30
–20
–10
50
250
450
650
850
1050 1250 1450 1650 1850
RF INPUT FREQUENCY (MHz)
Figure 55. Image Rejection vs.
RF Input Frequency for a CDMA2000 Signal, IF = 1.23 MHz
EXAMPLE BASEBAND INTERFACE
In most direct conversion receiver designs, it is desirable to
select a wanted carrier within a specified band. The desired
channel can be demodulated by tuning the LO to the appropriate
carrier frequency. If the desired RF band contains multiple
carriers of interest, the adjacent carriers would also be down
converted to a lower IF frequency. These adjacent carriers can
be problematic if they are large relative to the wanted carrier as
they can overdrive the baseband signal detection circuitry. As a
result, it is often necessary to insert a filter to provide sufficient
rejection of the adjacent carriers.
It is necessary to consider the overall source and load impedance
presented by the ADL5387 and ADC input to design the filter
network. The differential baseband output impedance of the
ADL5387 is 50 Ω. The ADL5387 is designed to drive a high
impedance ADC input. It may be desirable to terminate the
ADC input down to lower impedance by using a terminating
resistor, such as 500 Ω. The terminating resistor helps to better
define the input impedance at the ADC input. The order and
type of filter network depends on the desired high frequency
rejection required, pass-band ripple, and group delay. Filter
design tables provide outlines for various filter types and orders,
illustrating the normalized inductor and capacitor values for a
1 Hz cutoff frequency and 1 Ω load. After scaling the normalized
prototype element values by the actual desired cut-off frequency
and load impedance, the series reactance elements are halved to
realize the final balanced filter network component values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com