Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5387ACPZ-R71 Datasheet(PDF) 8 Page - Analog Devices

Part # ADL5387ACPZ-R71
Description  50 MHz to 2 GHz Quadrature Demodulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5387ACPZ-R71 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADL5387ACPZ-R71 Datasheet HTML 4Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 5Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 6Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 7Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 8Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 9Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 10Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 11Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
ADL5387
Rev. 0 | Page 8 of 28
20
15
10
5
0
–6
–5
–4
–3
–2
–1
0123456
80
65
50
35
20
LO LEVEL (dBm)
INPUT IP2, Q CHANNEL
INPUT P1dB
GAIN
INPUT IP3
NOISE FIGURE
INPUT IP2, I CHANNEL
Figure 9. Conversion Gain, Noise Figure, IIP3, IIP2, and IP1dB vs.
LO Level, fRF = 140 MHz
32
28
24
20
16
12
8
1
10
100
195
135
145
155
165
175
185
RBIAS (kΩ)
INPUT IP3
NOISE FIGURE
SUPPLY
CURRENT
TA = +85°C
TA = +25°C
TA = –40°C
Figure 10. Noise Figure, IIP3, and Supply Current vs. RBIAS, fRF = 140 MHz
25
20
15
10
5
0
–30
5
0
–5
–10
–15
–20
–25
RF BLOCKER INPUT POWER (dBm)
RBIAS = 100kΩ
RBIAS = 10kΩ
RBIAS = 4kΩ
RBIAS = 1.4kΩ
Figure 11. Noise Figure vs. Input Blocker Level, fRF = 900 MHz
(RF Blocker 5 MHz Offset)
20
15
10
5
0
–6
–5
–4
–3
–2
–1
0123456
80
65
50
35
20
LO LEVEL (dBm)
INPUT IP2, I CHANNEL
INPUT P1dB
GAIN
INPUT IP3
NOISE FIGURE
INPUT IP2, Q CHANNEL
Figure 12. Conversion Gain, Noise Figure, IIP3, IIP2, and IP1dB vs.
LO Level, fRF = 900 MHz
32
28
24
20
16
12
8
110
RBIAS (kΩ)
100
INPUT IP3
NOISE FIGURE
TA = +85°C
TA = +25°C
TA = –40°C
Figure 13. IIP3 and Noise Figure vs. RBIAS, fRF = 900 MHz
80
70
60
50
40
30
20
10
0
110
RBIAS (kΩ)
100
140MHz: GAIN
140MHz: IP1dB
140MHz: IIP2, I CHANNEL
140MHz: IIP2, Q CHANNEL
450MHz: GAIN
450MHz: IP1dB
450MHz: IIP2, I CHANNEL
450MHz: IIP2, Q CHANNEL
Figure 14. Conversion Gain, IP1dB, IIP2 I Channel, and IIP2 Q Channel vs. RBIAS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com