Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5387ACPZ-R71 Datasheet(PDF) 15 Page - Analog Devices

Part # ADL5387ACPZ-R71
Description  50 MHz to 2 GHz Quadrature Demodulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5387ACPZ-R71 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADL5387ACPZ-R71 Datasheet HTML 11Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 12Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 13Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 14Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 15Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 16Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 17Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 18Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
ADL5387
Rev. 0 | Page 15 of 28
APPLICATIONS INFORMATION
BASIC CONNECTIONS
Figure 47 shows the basic connections schematic for the ADL5387.
POWER SUPPLY
The nominal voltage supply for the ADL5387 is 5 V and is
applied to the VPA, VPB, VPL, and VPX pins. Ground should
be connected to the COM, CML, and CMRF pins. Each of
the supply pins should be decoupled using two capacitors;
recommended capacitor values are 100 pF and 0.1 μF.
LOCAL OSCILLATOR (LO) INPUT
The LO port is driven in a single-ended manner. The LO signal
must be ac-coupled via a 1000 pF capacitor directly into LOIP,
and LOIN is ac-coupled to ground also using a 1000 pF capacitor.
The LO port is designed for a broadband 50 Ω match and
therefore exhibits excellent return loss from 100 MHz to 4 GHz.
The LO return loss can be seen in Figure 20. Figure 46 shows
the LO input configuration.
LO INPUT
LOIP
LOIN
1000pF
1000pF
8
9
Figure 46. Single-Ended LO Drive
The recommended LO drive level is between −6 dBm and
+6 dBm. The LO frequency at the input to the device should be
twice that of the desired LO frequency at the mixer core. The
applied LO frequency range is between 100 MHz and 4 GHz.
RFC
120nH
120nH
1000pF 1000pF
100pF
100pF
0.1µF
1000pF
100pF
1000pF
0.1µF
0.1µF
VPOS
VPOS
LO
VPOS
ETC1-1-13
1
ADL5387
24
23
22
21
20
19
78
9
10
11
12
2
3
4
5
6
VPA
COM
BIAS
VPL
VPL
VPL
18
17
16
15
14
13
VPB
QHI
QLO
IHI
ILO
VPB
QHI
QLO
IHI
ILO
Figure 47. Basic Connections Schematic for ADL5387



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com